Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576DT/2 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCF8576DT/2
Description  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DT/2 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCF8576DT/2 Datasheet HTML 35Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 36Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 37Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 38Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 39Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 40Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 41Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 42Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 14 — 10 June 2013
39 of 57
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
15. Package outline
Fig 25. Package outline SOT364-1 (TSSOP56)
UNIT
A1
A2
A3
bp
cD(1)
E(2)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.2
0.1
8
0
o
o
0.1
DIMENSIONS (mm are the original dimensions).
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
SOT364-1
99-12-27
03-02-19
w M
θ
A
A1
A2
D
L p
Q
detail X
E
Z
e
c
L
X
(A )
3
0.25
128
56
29
y
pin 1 index
b
H
1.05
0.85
0.28
0.17
0.2
0.1
14.1
13.9
6.2
6.0
0.5
1
8.3
7.9
0.50
0.35
0.5
0.1
0.08
0.25
0.8
0.4
p
E
v M A
A
TSSOP56: plastic thin shrink small outline package; 56 leads; body width 6.1 mm
SOT364-1
A
max.
1.2
0
2.5
5 mm
scale
MO-153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com