Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576DT/2 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCF8576DT/2
Description  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DT/2 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCF8576DT/2 Datasheet HTML 38Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 39Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 40Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 41Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 42Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 43Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 44Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 45Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 14 — 10 June 2013
42 of 57
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
[1]
Dimension not drawn to scale.
[2]
Pad size.
[3]
Passivation opening.
[1]
Dimension not drawn to scale.
Table 23.
Dimensions of PCF8576DU/DA
Original dimensions are in mm.
Unit (mm)
A
D
E
e[1]
P1[2]
P2[3]
P3[2]
P4[3]
max
-
--
--
--
-
nom
0.38
2.2
2.0
-
0.09
0.08
0.066
0.056
min
-
-
-
0.072
-
-
-
-
Table 24.
Dimensions of PCF8576DU/2DA
Original dimensions are in mm.
Unit (mm)
A
A1
A2
b
D
E
e[1]
L
max
-0.012
--
--
--
nom
0.40
0.015
0.381
0.052
2.2
2.0
-
0.077
min
-
0.018
-
-
-
-
0.072
-
Table 25.
Bonding pad location for PCF8576DU/x
All x/y coordinates represent the position of the center of each pad with respect to the center
(x/y = 0) of the chip (see Figure 3, Figure 26 and Figure 27).
Symbol
Pad
X (
m)
Y (
m)
Description
SDA
1
34.38
876.6
I2C-bus serial data input/output
SCL
2
109.53
876.6
I2C-bus serial clock input
SCL
3
181.53
876.6
SYNC
4
365.58
876.6
cascade synchronization input/output
CLK
5
469.08
876.6
external clock input/output
VDD
6
577.08
876.6
supply voltage
OSC
7
740.88
876.6
internal oscillator enable input
A0
8
835.83
876.6
subaddress inputs
A1
9
1005.48
630.9
A2
10
1005.48
513.9
SA0
11
1005.48
396.9
I2C-bus address input; bit 0
VSS
12
1005.48
221.4
ground supply voltage
VLCD
13
1005.48
10.71
LCD supply voltage
BP0
14
1005.48
156.51
LCD backplane outputs
BP2
15
1005.48
232.74
BP1
16
1005.48
308.97
BP3
17
1005.48
385.2
S0
18
1005.48
493.2
LCD segment outputs
S1
19
1005.48
565.2
S2
20
1005.48
637.2
S3
21
1005.48
709.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com