Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576DT/2 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF8576DT/2
Description  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DT/2 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF8576DT/2 Datasheet HTML 6Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 7Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 8Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 9Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 10Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 11Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 12Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 13Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 14 — 10 June 2013
10 of 57
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
(3)
Using Equation 3, the discrimination for an LCD drive mode of 1:3 multiplex with
1⁄2 bias is
and the discrimination for an LCD drive mode of 1:4 multiplex with
1⁄2 bias is
.
The advantage of these LCD drive modes is a reduction of the LCD full scale voltage VLCD
as follows:
• 1:3 multiplex (1⁄2 bias):
• 1:4 multiplex (1⁄2 bias):
These compare with
when 1⁄3 bias is used.
It should be noted that VLCD is sometimes referred as the LCD operating voltage.
7.3.1 Electro-optical performance
Suitable values for Von(RMS) and Voff(RMS) are dependent on the LCD liquid used. The
RMS voltage, at which a pixel will be switched on or off, determine the transmissibility of
the pixel.
For any given liquid, there are two threshold values defined. One point is at 10 % relative
transmission (at Vth(off)) and the other at 90 % relative transmission (at Vth(on)), see
Figure 6. For a good contrast performance, the following rules should be followed:
(4)
(5)
Von(RMS) and Voff(RMS) are properties of the display driver and are affected by the selection
of a, n (see Equation 1 to Equation 3) and the VLCD voltage.
Vth(off) and Vth(on) are properties of the LCD liquid and can be provided by the module
manufacturer. Vth(off) is sometimes just named Vth. Vth(on) is sometimes named saturation
voltage Vsat.
It is important to match the module properties to those of the driver in order to achieve
optimum performance.
D
V
on RMS

V
off RMS

-----------------------
a
2
2a
n
++
a
2
2a
–
n
+
---------------------------
==
3
1.732
=
21
3
----------
1.528
=
V
LCD
6V
off RMS

2.449V
off RMS

==
V
LCD
43

3
----------------------
2.309V
off RMS

==
V
LCD
3V
off RMS

=
V
on RMS

V
th on

V
off RMS

V
th off




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com