Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576DT/2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8576DT/2
Description  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DT/2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8576DT/2 Datasheet HTML 2Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 3Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 4Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 5Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 6Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 7Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 8Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 9Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 14 — 10 June 2013
6 of 57
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
6.2 Pin description
[1]
The substrate (rear side of the die) is connected to VSS and should be electrically isolated.
Table 4.
Pin description
Symbol
Pin
Description
PCF8576DT
PCF8576DU
SDA
44
1, 58, 59
I2C-bus serial data input and output
SCL
45
2, 3
I2C-bus serial clock input
CLK
47
5
external clock input or output
VDD
48
6
supply voltage
SYNC
46
4
cascade synchronization input or output
OSC
49
7
internal oscillator enable input
A0 to A2
50 to 52
8 to 10
subaddress inputs
SA0
53
11
I2C-bus address input; bit 0
VSS
54
12[1]
ground supply voltage
VLCD
55
13
LCD supply voltage
BP0, BP2,
BP1, BP3
56, 1, 2, 3
14 to 17
LCD backplane outputs
S0 to S39
4 to 43
18 to 57
LCD segment outputs
n.c.
-
-
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com