Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8583P Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF8583P
Description  Clock and calendar with 240 X 8-bit RAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8583P Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF8583P Datasheet HTML 23Page - NXP Semiconductors PCF8583P Datasheet HTML 24Page - NXP Semiconductors PCF8583P Datasheet HTML 25Page - NXP Semiconductors PCF8583P Datasheet HTML 26Page - NXP Semiconductors PCF8583P Datasheet HTML 27Page - NXP Semiconductors PCF8583P Datasheet HTML 28Page - NXP Semiconductors PCF8583P Datasheet HTML 29Page - NXP Semiconductors PCF8583P Datasheet HTML 30Page - NXP Semiconductors PCF8583P Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
PCF8583
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 6 October 2010
27 of 37
NXP Semiconductors
PCF8583
Clock and calendar with 240 x 8-bit RAM
Fig 25. Package outline SOT176-1 (SO8) of PCF8583T
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(1)
Z (1)
eHE
LLp
Qy
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
2.65
0.3
0.1
2.45
2.25
0.49
0.36
0.32
0.23
7.65
7.45
7.6
7.4
1.27
10.65
10.00
1.1
1.0
2.0
1.8
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
1.1
0.45
SOT176-1
97-05-22
03-02-19
X
4
8
θ
A
A1
A2
w M
bp
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
5
1
(A )
3
A
y
0.25
0.1
0.012
0.004
0.096
0.089
0.019
0.014
0.013
0.009
0.30
0.29
0.30
0.29
0.05
1.45
0.057
0.25
0.01
0.419
0.394
0.043
0.039
0.079
0.071
0.01
0.004
0.043
0.018
0.01
0
5
10 mm
scale
pin 1 index
SO8: plastic small outline package; 8 leads; body width 7.5 mm
SOT176-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com