Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8583P Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8583P
Description  Clock and calendar with 240 X 8-bit RAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8583P Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8583P Datasheet HTML 24Page - NXP Semiconductors PCF8583P Datasheet HTML 25Page - NXP Semiconductors PCF8583P Datasheet HTML 26Page - NXP Semiconductors PCF8583P Datasheet HTML 27Page - NXP Semiconductors PCF8583P Datasheet HTML 28Page - NXP Semiconductors PCF8583P Datasheet HTML 29Page - NXP Semiconductors PCF8583P Datasheet HTML 30Page - NXP Semiconductors PCF8583P Datasheet HTML 31Page - NXP Semiconductors PCF8583P Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
PCF8583
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 6 October 2010
28 of 37
NXP Semiconductors
PCF8583
Clock and calendar with 240 x 8-bit RAM
Fig 26. Package outline SOT662-1 (HVQFN20) of PCF8583BS
0.65
1
A1
Eh
b
UNIT
y
e
0.2
c
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
5.1
4.9
Dh
3.25
2.95
y1
5.1
4.9
3.25
2.95
e1
2.6
e2
2.6
0.38
0.23
0.05
0.00
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT662-1
MO-220
- - -
- - -
0.75
0.50
L
0.1
v
0.05
w
0
2.5
5 mm
scale
SOT662-1
HVQFN20: plastic thermal enhanced very thin quad flat package; no leads;
20 terminals; body 5 x 5 x 0.85 mm
A(1)
max.
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
610
20
16
15
11
5
1
X
D
E
C
B
A
e2
terminal 1
index area
terminal 1
index area
01-08-08
02-10-22
A
C
C
B
v M
w M
E(1)
D(1)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com