Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8583P Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF8583P
Description  Clock and calendar with 240 X 8-bit RAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8583P Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF8583P Datasheet HTML 5Page - NXP Semiconductors PCF8583P Datasheet HTML 6Page - NXP Semiconductors PCF8583P Datasheet HTML 7Page - NXP Semiconductors PCF8583P Datasheet HTML 8Page - NXP Semiconductors PCF8583P Datasheet HTML 9Page - NXP Semiconductors PCF8583P Datasheet HTML 10Page - NXP Semiconductors PCF8583P Datasheet HTML 11Page - NXP Semiconductors PCF8583P Datasheet HTML 12Page - NXP Semiconductors PCF8583P Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
PCF8583
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 6 October 2010
9 of 37
NXP Semiconductors
PCF8583
Clock and calendar with 240 x 8-bit RAM
7.5 Alarm control register
When the alarm enable bit of the control and status register is set (address 00h, bit 2) the
alarm control register (address 08h) is activated. All alarm, timer, and interrupt output
functions are controlled by the contents of the alarm control register (see Figure 10).
Table 4.
Cycle length of the time counters, clock modes
Unit
Counting cycle
Carry to next unit
Contents of month
calendar
hundredths of a second
00 to 99
99 to 00
-
seconds
00 to 59
59 to 00
-
minutes
00 to 59
59 to 00
-
hours (24)
00 to 23
23 to 00
-
hours (12)
12 am
-
-
01 am to 11 am
-
-
12 pm
-
-
01 pm to 11 pm
11 pm to 12 am
-
date
01 to 31
31 to 01
1, 3, 5, 7, 8, 10, and 12
01 to 30
30 to 01
4, 6, 9, and 11
01 to 29
29 to 01
2, year = 0
01 to 28
28 to 01
2, year = 1, 2, and 3
months
01 to 12
12 to 01
-
year
0 to 3
-
-
weekdays
0 to 6
6 to 0
-
timer
00 to 99
no carry
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com