Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8583P Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF8583P
Description  Clock and calendar with 240 X 8-bit RAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8583P Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF8583P Datasheet HTML 1Page - NXP Semiconductors PCF8583P Datasheet HTML 2Page - NXP Semiconductors PCF8583P Datasheet HTML 3Page - NXP Semiconductors PCF8583P Datasheet HTML 4Page - NXP Semiconductors PCF8583P Datasheet HTML 5Page - NXP Semiconductors PCF8583P Datasheet HTML 6Page - NXP Semiconductors PCF8583P Datasheet HTML 7Page - NXP Semiconductors PCF8583P Datasheet HTML 8Page - NXP Semiconductors PCF8583P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
PCF8583
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 6 October 2010
4 of 37
NXP Semiconductors
PCF8583
Clock and calendar with 240 x 8-bit RAM
6.2 Pin description
[1]
The die paddle (exposed pad) is connected to VSS and should be electrically isolated.
Table 3.
Pin description
Symbol
Pin
Type
Description
DIP8
(PCF8583P)
SO8
(PCF8583T)
HVQFN20
(PCF8583BS)
OSCI
1
1
2
input
oscillator input, 50 Hz or event-pulse
input
OSCO
2
2
3
output
oscillator output
A0
3
3
4
input
address input
VSS
44
5[1]
supply
ground supply voltage
SDA
5
5
12
input/output
serial data line
SCL
6
6
13
input
serial clock line
INT
7
7
14
output
open-drain interrupt output (active LOW)
VDD
8
8
15
supply
supply voltage
n.c.
-
-
1, 6 to 11, 16 to
20
-
not connected; do not connect and do not
use as feed through



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com