Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1507CBS Datasheet(PDF) 45 Page - NXP Semiconductors

Part # ISP1507CBS
Description  ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1507CBS Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button ISP1507CBS Datasheet HTML 41Page - NXP Semiconductors ISP1507CBS Datasheet HTML 42Page - NXP Semiconductors ISP1507CBS Datasheet HTML 43Page - NXP Semiconductors ISP1507CBS Datasheet HTML 44Page - NXP Semiconductors ISP1507CBS Datasheet HTML 45Page - NXP Semiconductors ISP1507CBS Datasheet HTML 46Page - NXP Semiconductors ISP1507CBS Datasheet HTML 47Page - NXP Semiconductors ISP1507CBS Datasheet HTML 48Page - NXP Semiconductors ISP1507CBS Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
ISP1507C_ISP1507D_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 28 May 2008
45 of 74
NXP Semiconductors
ISP1507C; ISP1507D
ULPI HS USB host and peripheral transceiver
10.1.3 INTF_CTRL register
The INTF_CTRL register enables alternative interfaces. All of these modes are optional
features provided for legacy link cores. Setting more than one of these fields results in
undefined behavior. Table 25 provides the bit allocation of the register.
Table 24.
FUNC_CTRL - Function Control register (address R = 04h to 06h, W = 04h, S = 05h, C = 06h) bit
description
Bit
Symbol
Description
7
-
reserved
6
SUSPENDM
Suspend LOW: Active LOW PHY suspend.
Places the PHY into low-power mode. The PHY will power down all blocks, except the
full-speed receiver, OTG comparators and ULPI pins.
To come out of low-power mode, the link must assert STP. The PHY will automatically clear
this bit when it exits low-power mode.
0b — Low-power mode
1b — Powered (default)
5
RESET
Reset: Active HIGH transceiver reset.
After the link sets this bit, the PHY will assert DIR and reset the digital core. This does not
reset the ULPI interface or the ULPI register set.
When reset is completed, the PHY will deassert DIR and automatically clear this bit, followed
by an RXCMD update to the link.
0b — Do not reset (default)
1b — Reset
The link must wait for DIR to deassert before using the ULPI bus. Does not reset the ULPI
interface or the ULPI register set.
4 to 3
OPMODE[1:0]
Operation Mode: Selects the required bit-encoding style during transmit.
00b — Normal operation (default)
01b — Non-driving
10b — Disable bit-stuffing and NRZI encoding
11b — Do not automatically add SYNC and EOP when transmitting; must be used only for
high-speed packets
2
TERMSELECT
Termination Select: Controls the internal 1.5 k
Ω full-speed pull-up resistor and 45 Ω
high-speed terminations. Control over bus resistors changes, depending on
XCVRSELECT[1:0], OPMODE[1:0], DP_PULLDOWN and DM_PULLDOWN, as shown in
Table 7.
1 to 0
XCVRSELECT[1:0]
Transceiver Select: Selects the required transceiver speed.
00b — Enable the high-speed transceiver
01b — Enable the full-speed transceiver
10b — Enable the low-speed transceiver
11b — Enable the full-speed transceiver for low-speed packets (full-speed preamble is
automatically prefixed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com