Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1507CBS Datasheet(PDF) 63 Page - NXP Semiconductors

Part # ISP1507CBS
Description  ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1507CBS Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button ISP1507CBS Datasheet HTML 59Page - NXP Semiconductors ISP1507CBS Datasheet HTML 60Page - NXP Semiconductors ISP1507CBS Datasheet HTML 61Page - NXP Semiconductors ISP1507CBS Datasheet HTML 62Page - NXP Semiconductors ISP1507CBS Datasheet HTML 63Page - NXP Semiconductors ISP1507CBS Datasheet HTML 64Page - NXP Semiconductors ISP1507CBS Datasheet HTML 65Page - NXP Semiconductors ISP1507CBS Datasheet HTML 66Page - NXP Semiconductors ISP1507CBS Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
(1) Frequency is version dependent: ISP1507CBS: 19.2 MHz; ISP1507DBS: 26 MHz.
Fig 26. Using the ISP1507 with a USB host controller; external 5 V source with built-in FAULT and external crystal
ISP1507
DATA1
VCC(I/O)
RREF
DM
DP
VCC
DATA2
DATA3
VCC(I/O)
DATA4
CLOCK
DATA5
DATA6
DATA7
NXT
STP
7
6
5
4
3
1
15
16
17
18
19
21
20
23
22
24
VBUS/FAULT
REG3V3
XTAL1
XTAL2
11
10
9
8
DIR
REG1V8
RESET_N/
PSW_N
12
13
14
HOST
CONTROLLER
USB
STANDARD-A
RECEPTACLE
VBUS
D
−
D+
GND
4
3
2
1
DATA0
DATA2
DATA3
DATA4
DATA5
DATA6
DATA7
NXT
CLOCK
STP
DIR
VCC(I/O)
VCC
GND (die pad)
DATA1
2
DATA0
004aab081
XTAL(1)
+5 V
IN
FAULT
ON
OUT
VBUS
SWITCH
Rpullup
Cbypass
Cbypass
Cfilter
Cbypass
Cfilter
CVBUS
CXTAL
CXTAL
RRREF
5
6
7
8
SHIELD
SHIELD
SHIELD
SHIELD
IP4359CX4/LF
B1
A1
A2
DESD
B2
Cbypass
Cbypass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com