Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616H-R2R-503 Datasheet(PDF) 56 Page - Bourns Electronic Solutions

Part # 4616H-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616H-R2R-503 Datasheet(HTML) 56 Page - Bourns Electronic Solutions

Back Button 4616H-R2R-503 Datasheet HTML 52Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 53Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 54Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 55Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 56Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 57Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 58Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 59Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 60Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
Specifications are subject to change without notice.
332
Application Guidelines
Termination of address and control lines is typically accom-
plished with low-valued resistors placed in series at the driver
output. Selection of the proper resistance value is performed in
two steps: approximation of the proper resistance using trans-
mission line equations, and secondly, through trial and error,
changing the resistance value to account for real world devia-
tions such as PCB vias and bends.
The appropriate transmission line equations are as
follows:
Zo = characteristic line impedance
(microstrip)
87
5.98h
=
In
ohms
√ er + 1.41
(
0.8w + t
)
Td = propagation delay of the line
= 1.017
√0.475e
r + 0.67 ns/in.
Co = trace capacitance = 1000 (Td/Zo) pF/in.
Cd = equivalent trace capacitance associated with
each DRAM. It takes 0.5 inch to interconnect
one DRAM.
= 3.5pF/0.5 in. = 7 pF/in.
Zo’ = effective characteristic impedance, accounting
for capacitive loading of the DRAMs.
Zo
=
√1 + C
d/Co
Td’ = effective propagation delay, accounting for the
capacitive loading of the DRAMs
Td = Td √1 + Cd/Co
where er = relative dielectric constant of the PCB’s glass
epoxy layer
h
= distance from the trace to the ground plane
w
= width of trace
t
= thickness of trace
(Ref. MMI Systems Design Handbook, pp. 10-5 and 10-6.)
For example, for a trace with the following characteristics:
er
= 5 (for G10 glass epoxy)
h
= 30 mils
w
= 15 mils
t
= 3 mils
then, Zo = 85 ohms
Td = 0.15 ns/in.
Co = 1.76 pF/in.
Zo’ = 38 ohms
Td’ = 0.35 ns/in.
Thus on a theoretical basis, the design will require the resis-
tance of 38 ohms to match the trace impedance of the PCB.
However, the actual impedance will differ from this theoretical
value due to the non-ideal characteristics of the PCB trace
geometry (i.e., bends, curves and vias in the trace), as well as
the manufacturing variations inherent in the components and
materials. Therefore, a trial-and-error process must be employed
in order to optimize the value of the damping resistor.
The procedure involves selecting various values around the
calculated value and observing the resulting waveforms on an
oscilloscope. Choose the value that best balances the reduction
in ringing/reflection and the reduction in speed: a large resis-
tance value provides better damping, but will also add delay by
slowing the edge rate. Typically, resistance values for memory
damping will be in the range of 10 ohms to 50 ohms, with the
most common values in the 20 ohm to 30 ohm range.
Since memory damping is a type of series termination, distrib-
uted loading along the line will not be possible. That is, the
entire lumped load must be located at the end of the line, with
no other loads along the signal path. This will guarantee that the
waveform will remain undisturbed as it travels along the line. For
related reasons, the placement of the series damping resistor
should be as close to the driving device as possible.
DRAM Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com