Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616H-R2R-503 Datasheet(PDF) 36 Page - Bourns Electronic Solutions

Part # 4616H-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616H-R2R-503 Datasheet(HTML) 36 Page - Bourns Electronic Solutions

Back Button 4616H-R2R-503 Datasheet HTML 32Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 33Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 34Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 35Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 36Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 37Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 38Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 39Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 40Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
900 Series - Capacitor Networks
Specifications are subject to change without notice.
312
Standard Capacitance Values and Codes
These are the standard and non-standard capacitance values available. Consult factory for
capacitance values and types outside this range. Tolerances of 5%, 10% and 20% are available.
“NPO” DIELECTRICS
“X7R” DIELECTRICS
“X7R” DIELECTRICS
10% Tolerance
20% Tolerance
20% Tolerance
Capacitance
Capacitance
Capacitance
Capacitance
Capacitance
Capacitance
(pF)
Code
(pF)
Code
(
µF)
Code
39
390
330
331
0.01
103
47
470
390
391
0.012
123
56
560
470
471
0.015
153
68
680
560
561
0.018
183
82
820
680
681
0.022
223
100
101
820
820
0.027
273
120
121
1000
102
0.033
333
150
151
1200
122
0.039
393
180
181
1500
152
0.047
473
220
221
1800
182
0.056
563
270
271
2200
222
0.068
683
2700
272
0.082
823
3300
332
0.1
104
3900
392
4700
472
5600
562
6800
682
8200
822
Electrical Characteristics
Capacitance Tolerance
39 pF - 270 pF.............................±10%
>270 pF - 0.1
µF..........................±20%
Circuit Configuration...Isolated & bussed
Capacitor Dielectric.................NPO, X7R
Capacitance Voltage Rating
39 pF - 270 pF
..............................NPO - 50V @ +25°C
>270 pF - 0.047
µF
...............................X7R - 50V @ +25°C
Physical Characteristics
Lead Spacing ...............0.100” (2.54 mm)
Lead Frame Material
..........................Copper, solder coated
Body Material
....Epoxy/Anhydride conformal material
Z5U dielectrics available on a custom
basis.
How To Order
46 10 M - 901 - 103
Model
(46 = SIP Pkg)
Number of Pins
Profile
(M = Medium Profile)
Electrical Configuration
• 901 = Bussed
• 902 = Isolated
Capacitance Code
• First 2 digits are significant
• Third digit represents the
number of zeros to follow
Consult factory for other available options.
Standard High Volume Part Numbers
4610M-901-103
4610M-902-103
4610M-901-104
4610M-902-104
Product Dimensions
Typical Part Marking
PART
NUMBER
4610M - 901
- 103
YYWW
CIRCUIT
CAPACITANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
DATE CODE
A
MAXIMUM
PIN #1
REF.
6.35
(.250)
MAX.
3.43 + .38/ - .25
(.135 + .015/ - .010)
1.24
(.049)
MAX.
BOTH ENDS
.508
± .050
(.020
± .002)
TYP.
2.54
± .07
(.100
± .003*)
TYP.
NON-ACCUM.
3.81
(.150)
MAX.
.254
± .050
(.010
± .002 )
TYP.
Isolated Capacitors (902 Circuit)
Bussed Capacitors (901 Circuit)
1
4
6
10
12
14
...
1
14
These models incorporate 2 to 7
isolated capacitors of equal value, each
connected between two pins.
These models incorporate 3 to 13
capacitors of equal value, each
connected between a common bus
(Pin 1) and a separate pin.
Features
s
Integrates capacitor function in one
package
s
Design reduces termination noise
s
Popular standard capacitance values
available
s
Isolated and bussed circuits available
s
High temperature lead attachment to
withstand reflow temperatures up
to 260°C
Pin
A Maximum
Count
mm (Inches)
4
10.11 (.398)
5
12.65 (.498)
6
15.19(.598)
7
17.73 (.698)
8
20.27 (.798)
9
22.81 (.898)
10
25.35 (.998)
11
27.89 (1.098)
12
30.43 (1.198)
13
32.97 (1.298)
14
35.51 (1.398)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com