Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616H-R2R-503 Datasheet(PDF) 32 Page - Bourns Electronic Solutions

Part # 4616H-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616H-R2R-503 Datasheet(HTML) 32 Page - Bourns Electronic Solutions

Back Button 4616H-R2R-503 Datasheet HTML 28Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 29Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 30Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 31Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 32Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 33Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 34Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 35Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 36Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
Specifications are subject to change without notice.
308
Standard Resistance Values And Codes
Values not appearing in above tables are available to optimize system
performance. Contact Bourns Networks to inquire.
Resistance
Resistance
Resistance
Resistance
(Ohms)
Code
(Ohms)
Code
22
220
5,600
562
27
270
6,800
682
33
330
8,200
822
39
390
10,000
103
47
470
12,000
123
56
560
15,000
153
68
680
18,000
183
82
820
20,000
203
100
101
22,000
223
120
121
27,000
273
150
151
33,000
333
180
181
39,000
393
220
221
47,000
473
270
271
56,000
563
330
331
68,000
683
390
391
82,000
823
470
471
100,000
104
560
561
120,000
124
680
681
150,000
154
820
821
180,000
184
1,000
102
220,000
224
1,200
122
270,000
274
1,500
152
330,000
334
1,800
182
390,000
394
2,000
202
470,000
474
2,200
222
2,700
272
3,300
332
3,900
392
Standard Capacitance Values And Codes
Capacitance
Capacitance
Capacitance
Capacitance
Code
Code
39pF
390
1000pF
102
47
470
1200
122
56
560
1500
152
68
680
1800
182
82
820
2200
222
100
101
2700
272
120
121
3300
332
150
151
3900
392
180
181
4700
472
220
221
5600
562
270
271
6800
682
330
331
8200
822
390
391
.010µF
103
470
471
.012
123
560
561
.015
153
680
681
.018
183
820
821
.022
223
.027
273
.033
333
.039
393
.047
473
How To Order RC Terminator Networks
46 08 H - 701 - RC/CC
Model
Resistance/
(46 = Conformal SIP)
Capacitance Code
• First two digits
are significant
Number of Pins
• Third digit
• 4 to 16
represents the
number of zeros
to follow.
Physical Configuration
(H = High Profile)
Electrical Configuration
• 701 = Single Termination
• 702 = Double Termination
700 Series - Resistor Networks RC Terminator Networks
Additional Features
s
Prevent bus lines and control signals
from floating to undefined logic levels.
s
Optimize signal transmission in high
performance systems through proper
termination.
s
Eliminate overshoot and ringing, increase
noise immunity, minimize signal distor-
tion, and lower EMI/RFI radiation.
s
Minimize space and routing problems,
and reduce manufacturing cost per
installed resistive function.
s
Increase board yields and reliability by
reducing component count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com