Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616H-R2R-503 Datasheet(PDF) 34 Page - Bourns Electronic Solutions

Part # 4616H-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616H-R2R-503 Datasheet(HTML) 34 Page - Bourns Electronic Solutions

Back Button 4616H-R2R-503 Datasheet HTML 30Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 31Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 32Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 33Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 34Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 35Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 36Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 37Page - Bourns Electronic Solutions 4616H-R2R-503 Datasheet HTML 38Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
Specifications are subject to change without notice.
310
801 8, 10 and 12 Pin SIP
(4608M-801-RC/CC)
Designed to terminate 6 to 10 trans-
mission lines using parallel termination
techniques. Standard resistance values
include 50, 68, 75, 82, 90 or 100
ohms and are chosen to match the
characteristic impedance (Zo) of the
transmission line. A 0.01 mF capacitor is
provided to help maintain a solid power
supply level within the network package,
mitigating any cross talk or feedthrough
effects. Values for R and C not shown in
the following table are available on a
custom basis.
Standard 801 Part Numbers
802 10 Pin SIP
(4610M-802-RC/CC)
Designed to terminate 6 transmission
lines using parallel termination tech-
niques. Popular resistance values
include 50, 68, 75, 82, 90 or 100
ohms and are chosen to match the
characteristic impedance (Zo) of the
transmission line. Two 0.01
µF
capacitors are provided to reduce cross
talk between lines and to decrease
network package inductance. Values for
R and C not shown in the following table
are available on a custom basis.
Standard 802 Part Numbers
803 8, 10 and 12 Pin SIP 10K ECL
(4610H-803-ZoC/CC)
Designed to terminate 6 to 10 trans-
mission lines using Thevenin equivalent
parallel termination techniques in
systems using 10K ECL. Popular
impedance values include 50, 70, 75, 80,
90, 100, 120, 150 or 200 ohms. Standard
values for R1 and R2, based on Zo, have
been chosen to accommodate 10K ECL
designs. A 0.1
µF capacitor is provided
to reduce cross talk noise within the
network package. Values for Zo and C
not shown in the following table are
available on a custom basis. This type of
termination is an alternative to parallel
termination used when a separate Vtt
power supply is not available.
Standard 803 Part Numbers
R
C
±2%
±20%
Bourns Part Number
50
Ω
0.01
µF
4608M-801-500/103
68
Ω
0.01
µF
4608M-801-680/103
75
Ω
0.01
µF
4608M-801-750/103
82
Ω
0.01
µF
4608M-801-820/103
90
Ω
0.01
µF
4608M-801-900/103
100
Ω
0.01
µF
4608M-801-101/103
801 Electrical Schematic and Application
R
C
±2%
±20%
Bourns Part Number
50
Ω
0.01
µF
4610M-802-500/103
68
Ω
0.01
µF
4610M-802-680/103
75
Ω
0.01
µF
4610M-802-750/103
82
Ω
0.01
µF
4610M-802-820/103
90
Ω
0.01
µF
4610M-802-900/103
100
Ω
0.01
µF
4610M-802-101/103
802 Electrical Schematic and Application
Zo
C
±2%
R1
R2
±20%
Bourns Part No.
50
Ω 81Ω 130Ω 0.1
µF 4610H-803-500/104
70
Ω 113Ω 182Ω 0.1
µF 4610H-803-700/104
75
Ω 121Ω 195Ω 0.1
µF 4610H-803-750/104
80
Ω 130Ω 208Ω 0.1
µF 4610H-803-800/104
90
Ω 146Ω 234Ω 0.1
µF 4610H-803-900/104
100
Ω 162Ω 260Ω 0.1
µF 4610H-803-101/104
120
Ω 194Ω 312Ω 0.1
µF 4610H-803-121/104
150
Ω 243Ω 390Ω 0.1
µF 4610H-803-151/104
200
Ω 325Ω 520Ω 0.1
µF 4610H-803-201/104
803 Electrical Schematic and Application
1
8
1
10
1
10
R2
R1
C
800 Series - RC Networks ECL Terminator Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com