Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6555IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LT6555IGN
Description  650MHz Gain of 2 Triple 2 1Video Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6555IGN Datasheet(HTML) 1 Page - Linear Technology

  LT6555IGN Datasheet HTML 1Page - Linear Technology LT6555IGN Datasheet HTML 2Page - Linear Technology LT6555IGN Datasheet HTML 3Page - Linear Technology LT6555IGN Datasheet HTML 4Page - Linear Technology LT6555IGN Datasheet HTML 5Page - Linear Technology LT6555IGN Datasheet HTML 6Page - Linear Technology LT6555IGN Datasheet HTML 7Page - Linear Technology LT6555IGN Datasheet HTML 8Page - Linear Technology LT6555IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT6555
1
6555f
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
The LT
®6555 is a high speed triple 2:1 video multiplexer
with an internally fixed gain of 2. The individual amplifiers
are optimized for performance with a double terminated
75
Ω video load and feature a –3dB 2VP-P bandwidth of
450MHz, making them ideal for driving very high resolu-
tion video signals. Separate power supply pins for each
amplifier boost channel separation to 72dB, allowing the
LT6555 to excel in many high speed applications.
While the performance of the LT6555 is optimized for dual
supply operation, it can also be operated with a single
supply as low as 4.5V. Using dual 5V supplies, each
amplifier draws only 9mA. When disabled, the amplifiers
draw less than 500
µA and the outputs become high
impedance.
The LT6555 is manufactured on Linear Technology’s
proprietary low voltage complementary bipolar process
and is available in 24-lead SSOP and ultra-compact
24-lead QFN packages.
■ RGB Amplifiers
■ UXGA Video Multiplexing
■ LCD Projectors
■ 650MHz –3dB Small Signal Bandwidth
■ 450MHz –3dB 2VP-P Large-Signal Bandwidth
■ 120MHz
±0.1dB Bandwidth
■ High Slew Rate: 2200V/
µs
■ Fixed Gain of 2; No External Resistors Required
■ 72dB Channel Separation at 10MHz
■ 50dB Channel Separation at 100MHz
■ –80dBc 2nd Harmonic Distortion at 10MHz, 2VP-P
■ –70dBc 3rd Harmonic Distortion at 10MHz, 2VP-P
■ Low Supply Current: 9mA per Amplifier
■ 6.5ns 0.1% Settling Time for 2V Step
■ ISS ≤ 500µA per Amplifier when Disabled
■ Differential Gain of 0.033%, Differential
Phase of 0.022
°
■ Wide Supply Range:
±2.25V (4.5V) to ±6V (12V)
■ Available in 24-Lead SSOP and 24-Lead QFN
Packages
650MHz Gain of 2 Triple
2:1Video Multiplexer
RGB Multiplexer and Line Driver
Video Amplitude Transient Response
LT6555
V+
V–
RINA
GINA
BINA
RINB
GINB
BINB
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
SELECT A/B
6555 TA01a
AGND
ENABLE
DGND
75
Ω
75
Ω
ROUT
75
Ω
75
Ω
GOUT
75
Ω
75
Ω
BOUT
×2
×2
×2
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
TIME (ns)
0
0.6
1.0
1.4
1.8
1.6
16
6555 G21
0.2
–0.2
0.4
0.8
1.2
0
–0.4
4
8
12
218
6
10
14
20
VIN = 0V TO 700mV
VS = ±5V
RL = 150Ω
TA = 25°C


Similar Part No. - LT6555IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6555IUF LINER-LT6555IUF Datasheet
364Kb / 16P
650MHz Gain of 2 Triple 2:1Video Multiplexer
More results

Similar Description - LT6555IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6553 LINER-LT6553 Datasheet
168Kb / 8P
650MHz Gain of 2 Triple Video Amplifier
logo
Intersil Corporation
ISL59448 INTERSIL-ISL59448 Datasheet
676Kb / 14P
500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
March 29, 2006
logo
Linear Technology
LT6553 LINER-LT6553_09 Datasheet
193Kb / 12P
650MHz Gain of 2 Triple Video Amplifier
LT6554 LINER-LT6554 Datasheet
166Kb / 12P
650MHz Gain of 1 Triple Video Buffer
LT6555 LINER-LT6555 Datasheet
364Kb / 16P
650MHz Gain of 2 Triple 2:1Video Multiplexer
LT6556 LINER-LT6556 Datasheet
253Kb / 16P
750MHz Gain of 1 Triple 2:1Video Multiplexer
LT6553 LINER-LT6553_15 Datasheet
199Kb / 12P
650MHz Gain of 2 Triple Video Amplifier
LT6556 LINER-LT6556_15 Datasheet
258Kb / 16P
750MHz Gain of 1 Triple 2:1Video Multiplexer
LT6554 LINER-LT6554_15 Datasheet
172Kb / 12P
650MHz Gain of 1 Triple Video Buffer
LT6555 LINER-LT6555_15 Datasheet
370Kb / 16P
650MHz Gain of 2 Triple 2:1Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com