Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6555IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LT6555IGN
Description  650MHz Gain of 2 Triple 2 1Video Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6555IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LT6555IGN Datasheet HTML 8Page - Linear Technology LT6555IGN Datasheet HTML 9Page - Linear Technology LT6555IGN Datasheet HTML 10Page - Linear Technology LT6555IGN Datasheet HTML 11Page - Linear Technology LT6555IGN Datasheet HTML 12Page - Linear Technology LT6555IGN Datasheet HTML 13Page - Linear Technology LT6555IGN Datasheet HTML 14Page - Linear Technology LT6555IGN Datasheet HTML 15Page - Linear Technology LT6555IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LT6555
14
6555f
PACKAGE DESCRIPTIO
GN Package
24-Lead Plastic SSOP (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1641)
.337 – .344*
(8.560 – 8.738)
GN24 (SSOP) 0204
12
3
4
5
6
7
8
9 10 11 12
.229 – .244
(5.817 – 6.198)
.150 – .157**
(3.810 – 3.988)
16
17
18
19
20
21
22
23
24
15 1413
.016 – .050
(0.406 – 1.270)
.015
± .004
(0.38
± 0.10)
× 45°
0
° – 8° TYP
.0075 – .0098
(0.19 – 0.25)
.0532 – .0688
(1.35 – 1.75)
.008 – .012
(0.203 – 0.305)
TYP
.004 – .0098
(0.102 – 0.249)
.0250
(0.635)
BSC
.033
(0.838)
REF
.254 MIN
RECOMMENDED SOLDER PAD LAYOUT
.150 – .165
.0250 BSC
.0165
±.0015
.045
±.005
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
**DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
INCHES
(MILLIMETERS)
NOTE:
1. CONTROLLING DIMENSION: INCHES
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com