Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6555IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LT6555IGN
Description  650MHz Gain of 2 Triple 2 1Video Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6555IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6555IGN Datasheet HTML 2Page - Linear Technology LT6555IGN Datasheet HTML 3Page - Linear Technology LT6555IGN Datasheet HTML 4Page - Linear Technology LT6555IGN Datasheet HTML 5Page - Linear Technology LT6555IGN Datasheet HTML 6Page - Linear Technology LT6555IGN Datasheet HTML 7Page - Linear Technology LT6555IGN Datasheet HTML 8Page - Linear Technology LT6555IGN Datasheet HTML 9Page - Linear Technology LT6555IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT6555
6
6555f
Large-Signal Transient Response
TYPICAL PERFOR A CE CHARACTERISTICS
Gain Error Distribution
Gain Matching Distribution
Small-Signal Transient Response
Large-Signal Transient Response
Video Amplitude Transient
Response
Output Impedance vs Frequency
FREQUENCY (MHz)
0.01
0.1
10
1000
0.1
1
10
100
1000
6555 G19
1
100
DISABLED
VEN = 4V
ENABLED
VEN = O.4V
VS = ±5V
RL = 150Ω
TA = 25°C
TIME (ns)
0
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
16
6555 G20
48
12
20
14
2
6
10
18
VIN = 200mVP-P
VS = ±5V
RL = 150Ω
TA = 25°C
TIME (ns)
0
0.6
1.0
1.4
1.8
1.6
16
6555 G21
0.2
–0.2
0.4
0.8
1.2
0
–0.4
4
8
12
218
6
10
14
20
VIN = 0V TO 700mV
VS = ±5V
RL = 150Ω
TA = 25°C
TIME (ns)
–1.5
–0.5
0.5
1.5
–1.0
0
1.0
4
8
12
16
6555 G22
20
2
0
6
10
14
18
VIN = 1VP-P
VS = ±5V
RL = 150Ω
TA = 25°C
TIME (ns)
0
4
3
2
1
0
–1
–2
–3
–4
16
6555 G23
4
8
12
20
14
2
6
10
18
VIN = 2.5VP-P
VS = ±5V
RL = 150Ω
TA = 25°C
GAIN ERROR—INDIVIDUAL CHANNEL (%)
–1.5
25
30
35
1.5
6555 G24
15
0
–1.0
–0.5
0
0.5
1.0
40
20
10
5
VS = ±5V
VOUT = ±2V
RL = 150Ω
TA = 25°C
GAIN MATCHING–BETWEEN CHANNELS (%)
–1.5
25
30
35
1.5
6555 G25
15
0
–1.0
–0.5
0
0.5
1.0
40
20
10
5
VS = ±5V
VOUT = ±2V
RL = 150Ω
TA = 25°C
Channel Switching Transient
Channel Switching Transient
TIME (ns)
0
4
2
5
0
–0.1
0.2
0.1
20
40
60
80
6555 G26
100
10
030
50
70
90
VS = ±5V
RL = 150Ω
INA = 0V
INB = 0V
TA = 25°C
TIME (ns)
0
5
–0.5
0.5
1.5
–1.0
–1.5
0
1.0
40
6555 G27
4
2
3
1
0
10 20 30
100
50 60 70 80 90
VS = ±5V
RL = 150Ω
INB = 300MHz, 1VP-P SINE
TA = 25°C INA = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com