Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6555IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LT6555IGN
Description  650MHz Gain of 2 Triple 2 1Video Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6555IGN Datasheet(HTML) 5 Page - Linear Technology

  LT6555IGN Datasheet HTML 1Page - Linear Technology LT6555IGN Datasheet HTML 2Page - Linear Technology LT6555IGN Datasheet HTML 3Page - Linear Technology LT6555IGN Datasheet HTML 4Page - Linear Technology LT6555IGN Datasheet HTML 5Page - Linear Technology LT6555IGN Datasheet HTML 6Page - Linear Technology LT6555IGN Datasheet HTML 7Page - Linear Technology LT6555IGN Datasheet HTML 8Page - Linear Technology LT6555IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT6555
5
6555f
TYPICAL PERFOR A CE CHARACTERISTICS
Frequency Response
vs Output Amplitude
Gain Flatness vs Frequency
Crosstalk vs Frequency
Frequency Response with
Capacitive Loads
Harmonic Distortion vs Frequency
Input Noise Spectral Density
Input Impedance vs Frequency
Input Referred PSRR
vs Frequency
FREQUENCY (kHz)
0.001
0.01
0.1
1
10
1
10
100
in
1000
100
6555 G10
VS = ±5V
TA = 25°C
en
6555 G11
FREQUENCY (MHz)
0.01
0.1
10
100
1000
1
1000
100
10
1
0.1
VS = ±5V
VIN = 0V
TA = 25°C
FREQUENCY (MHz)
20
40
70
10
30
50
60
0.001
0.1
1
10
100
6555 G12
0
0.01
±PSRR
+PSRR
–PSRR
VS = ±5V
TA = 25°C
FREQUENCY (MHz)
2
4
5
7
9
8
0.1
10
100
1000
6555 G13
0
1
6
3
1
VS = ±5V
RL = 150Ω
TA = 25°C
VOUT = 2VP-P
VOUT = 4VP-P
VOUT = 200mVP-P
FREQUENCY (MHz)
6.00
6.10
6.20
5.95
6.05
6.15
0.1
10
100
1000
6555 G14
5.90
1
IN3A
IN1B
IN1A
IN2B
IN2A
IN3B
VS = ±5V
VOUT = 200mVP-P
RL = 150Ω
TA = 25°C
FREQUENCY (MHz)
–2
2
6
10
14
0.1
10
100
1000
6555 G15
–6
1
18
–4
0
4
8
12
16
VS = ±5V
VOUT = 2VP-P
RL = 150Ω
TA = 25°C
CL = 4.7pF
CL = 10pF
CL = 0pF
FREQUENCY (MHz)
–80
–40
0
–100
–60
–20
0.1
10
100
1000
6555 G16
–120
1
VS = ±5V
VOUT = 2VP-P
RL = 150Ω
TA = 25°C
WORST
ADJACENT
ALL
CHANNELS
DRIVEN
Crosstalk vs Frequency
FREQUENCY (MHz)
–100
–80
–60
–40
–20
0.01
1
10
100
6555 G18
–120
0.1
0
–110
–90
–70
–50
–30
–10
VS = ±5V
VOUT = 2VP-P
RL = 150Ω
TA = 25°C
HD3
HD2
FREQUENCY (MHz)
–80
–40
0
–100
–60
–20
0.1
10
100
1000
6555 G17
–120
1
VS = ±5V
VIN = 1VP-P
RL = 150Ω
TA = 25°C
DRIVE IN A,
SELECT IN B
DRIVE IN B,
SELECT IN A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com