Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3441 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3441
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3441 Datasheet(HTML) 1 Page - Linear Technology

  LTC3441 Datasheet HTML 1Page - Linear Technology LTC3441 Datasheet HTML 2Page - Linear Technology LTC3441 Datasheet HTML 3Page - Linear Technology LTC3441 Datasheet HTML 4Page - Linear Technology LTC3441 Datasheet HTML 5Page - Linear Technology LTC3441 Datasheet HTML 6Page - Linear Technology LTC3441 Datasheet HTML 7Page - Linear Technology LTC3441 Datasheet HTML 8Page - Linear Technology LTC3441 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3532
1
3532fc
Micropower Synchronous
Buck-Boost DC/DC Converter
The LTC®3532 is a high efficiency, fixed frequency, buck-
boost DC/DC converter that operates from input voltages
above, below or equal to the output voltage. The topology
incorporated in the IC provides a continuous transfer
function through all operating modes, making the product
ideal for single lithium-ion, multicell alkaline or NiMH ap-
plications where the output voltage is within the battery
voltage range.
The device includes two 0.36Ω N-channel MOSFET
switches and two 0.42Ω P-channel switches. Switching
frequencies up to 2MHz are programmed with an external
resistor. Quiescent current is only 35μA in Burst Mode
operation, maximizing battery life in portable applica-
tions. Automatic Burst Mode operation allows the user
to program the load current for Burst Mode operation or
to control it manually.
Other features include a 1μA shutdown, soft-start control,
thermal shutdown, and peak current limit. The LTC3532 is
available in a low profile (0.75mm) 10-lead (3mm × 3mm)
DFN and 10-lead MSOP packages.
■
Miniature Hard Disk Drive Power Supply
■
MP3 Players
■
Handheld Instruments
■
Digital Cameras
■
Handheld Terminals
■
Single Inductor
■
Regulated Output with Input Voltages Above, Below
or Equal to the Output
■
Wide VIN Range: 2.4V to 5.5V
■
VOUT Range: 2.4V to 5.25V
■
Up to 500mA Peak Output Current
■
Synchronous Rectification: Up to 95% Efficiency
■
Manual or Programmable Automatic Burst Mode®
Operation
■
Output Disconnect in Shutdown
■
Programmable Oscillator: 300kHz to 2MHz
■
Pin Compatible with LTC3440
■
Small Thermally Enhanced 10-Lead (3mm × 3mm)
DFN and 10-Lead MSOP Packages
Miniature Hard Disk Drive Power Supply
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
SW1
VIN
SHDN/SS
BURST
RT
SW2
VOUT
FB
VC
GND
LTC3532
3532 TA01
43.2k
0.01μF
200k
4.7μF
VIN
Li-Ion
2.5V TO 4.2V
4.7μH
VOUT
3.3V
100mA
TO 500mA
(PEAK)
10μF
33pF
1k
340k
12.1k
220pF
200k
VOUT
200mV/DIV
ILOAD
100mA/DIV
100μs/DIV
VIN = 3V
VOUT = 3.3V
ILOAD = 50mA TO 300mA
3532 TA01b


Similar Part No. - LTC3441

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441 Datasheet
1Mb / 16P
Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
LTC3441 LINER-LTC3441 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3441 LINER-LTC3441 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
logo
Analog Devices
LTC3441 AD-LTC3441 Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
12/17-REV.A
More results

Similar Description - LTC3441

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3443 LINER-LTC3443 Datasheet
201Kb / 16P
High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3444 LINER-LTC3444 Datasheet
209Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532_15 Datasheet
358Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441_15 Datasheet
233Kb / 16P
High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com