Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3441 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3441
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3441 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3441 Datasheet HTML 8Page - Linear Technology LTC3441 Datasheet HTML 9Page - Linear Technology LTC3441 Datasheet HTML 10Page - Linear Technology LTC3441 Datasheet HTML 11Page - Linear Technology LTC3441 Datasheet HTML 12Page - Linear Technology LTC3441 Datasheet HTML 13Page - Linear Technology LTC3441 Datasheet HTML 14Page - Linear Technology LTC3441 Datasheet HTML 15Page - Linear Technology LTC3441 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3532
13
3532fc
The loop gain is typically rolled off before the RHP zero
frequency.
A simple Type I compensation network can be incorpo-
rated to stabilize the loop, but at a cost of reduced band-
width and slower transient response. To ensure proper
phase margin using Type I compensation, the loop must
be crossed over a decade before the LC double pole.
The unity-gain frequency of the error amplifier with the
Type I compensation is given by:
fUG =
1
2• π •R1• CP1
Hz
referring to Figure 7.
Most applications demand an improved transient response
to allow a smaller output filter capacitor. To achieve a higher
bandwidth, Type III compensation is required, providing
two zeros to compensate for the double-pole response of
the output filter. Referring to Figure 8, the location of the
poles and zeros are given by:
fPOLE1 ≅
1
2• π •32e3 •R1• CP1
Hz
(which is extremely close to DC)
fZERO1 =
1
2• π •RZ •CP1
Hz
fZERO2 =
1
2• π •R1• CZ1
Hz
fPOLE2 =
1
2• π •RZ •CP2
Hz
where resistance is in ohms and capacitance is in far-
ads.
1.22V
R1
R2
3532 F07
FB
9
VC
CP1
VOUT
10
–
+
ERROR
AMP
1.22V
R1
R2
3532 F08
FB
9
VC
CP1
CZ1
RZ
VOUT
10
CP2
–
+
ERROR
AMP
Figure 7. Error Amplifier with Type l Compensation
Figure 8. Error Amplifier with Type lll Compensation
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com