Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3441 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3441
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3441 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3441 Datasheet HTML 2Page - Linear Technology LTC3441 Datasheet HTML 3Page - Linear Technology LTC3441 Datasheet HTML 4Page - Linear Technology LTC3441 Datasheet HTML 5Page - Linear Technology LTC3441 Datasheet HTML 6Page - Linear Technology LTC3441 Datasheet HTML 7Page - Linear Technology LTC3441 Datasheet HTML 8Page - Linear Technology LTC3441 Datasheet HTML 9Page - Linear Technology LTC3441 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3532
6
3532fc
BLOCK DIAGRA
PI FU CTIO S
SHDN/SS (Pin 8): Combined Soft-Start and Shutdown.
Grounding this pin shuts down the IC. Tie to >1.5V to
enable the IC and >2.4V to ensure the error amp is not
clamped from soft-start. For Burst Mode operation, this pin
must be pulled up to within 0.5V of VIN. An RC from the
shutdown command signal to this pin will provide a soft-
start function by limiting the rise time of the VC pin.
FB (Pin 9): Feedback Pin. Connect resistor divider tap
here. The output voltage can be adjusted from 2.4V to
5.25V. The feedback reference is typically 1.22V. Set VOUT
according to the formula:
VOUT =
1.22V • R1+ R2
()
R2
VC (Pin10): Error Amp Output: A frequency compensa-
tion network is connected from this pin to the FB pin to
compensate the loop. Refer to the Applications Information
section for component value selection.
Exposed Pad (Pin11): The exposed pad (DFN Package)
must be soldered to PCB ground for electrical contact and
rated thermal performance.
–
+
–
+
–
+
–
+
7
PWM
LOGIC
GATE
DRIVERS
AND
ANTICROSS
CONDUCTION
GND
UVLO
1.1A
2.3V
OSC
PEAK CURRENT
LIMIT
SW A
SW1
VIN
VCC
VIN
VIN
SW2
SW D
ERROR
AMP
1.22V
REVERSE
AMP
SW B
SW C
5
3
4
VOUT
6
FB
9
BURST
2
VC
10
8
SHDN/SS
1
RT
3532 BD
PWM COMP
THERMAL
SHUTDOWN
SHUTDOWN
SOFT-START
SHUTDOWN
1.22V
VREF
AUTOMATIC
Burst Mode
CONTROL AND
VC HOLD
gm = 1/60k
1A
VREF
SLEEP
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com