Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3441 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3441
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3441 Datasheet(HTML) 2 Page - Linear Technology

  LTC3441 Datasheet HTML 1Page - Linear Technology LTC3441 Datasheet HTML 2Page - Linear Technology LTC3441 Datasheet HTML 3Page - Linear Technology LTC3441 Datasheet HTML 4Page - Linear Technology LTC3441 Datasheet HTML 5Page - Linear Technology LTC3441 Datasheet HTML 6Page - Linear Technology LTC3441 Datasheet HTML 7Page - Linear Technology LTC3441 Datasheet HTML 8Page - Linear Technology LTC3441 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3532
2
3532fc
BURST, VIN, VOUT, VC, FB................................... –0.3V to 6V
RT ..................................................................... 0V to 5V
SHDN/SS ..................................................... –0.3V to 6V
SW1, SW2
DC............................................................ –0.3V to 6V
Pulsed < 100ns........................................ –0.3V to 7V
Operating Temperature Range (Note 2).... –40°C to 85°C
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT = 3.6V, RT = 64.9k, unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Start-Up Voltage
●
2.3
2.4
V
Input Operating Range
●
2.4
5.5
V
Output Voltage Adjust Range
●
2.4
5.25
V
Feedback Voltage
●
1.19
1.22
1.25
V
Feedback Input Current
VFB = 1.22V
1
50
nA
Quiescent Current, Burst Mode Operation
BURST = 0V
35
60
μA
Quiescent Current, Shutdown
SHDN = 0V, Not Including Switch Leakage, VOUT = 0V
0.1
1
μA
Quiescent Current, Active
VC = 0V, BURST = VIN (Note 3)
600
1000
μA
NMOS Switch Leakage
Switches B and C
0.1
5
μA
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PI CO FIGURATIO
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE CONNECTED TO PCB
TJMAX = 125°C
θJA = 130°C/W 1 LAYER BOARD
θJA = 100°C/W 4 LAYER BOARD
θJC = 45°C/W
Maximum Junction Temperature (Note 4)............. 125°C
Storage Temperature Range
DD ..................................................... –65°C to 125°C
MSOP ................................................ –65°C to 150°C
Lead Temperature (Soldering,10 sec)
MSOP ............................................................... 300°C
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
VC
FB
SHDN/SS
VIN
VOUT
RT
BURST
SW1
SW2
GND
11
1
2
3
4
5
RT
BURST
SW1
SW2
GND
10
9
8
7
6
VC
FB
SHDN/SS
VIN
VOUT
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3532EDD#PBF
LTC3532EDD#TRPBF
LBXR
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC3532EMS#PBF
LTC3532EMS#TRPBF
LTBXS
10-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com