Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2921 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2921
Description  Precision Quad Supply Monitor in 6-Lead SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2921 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2921 Datasheet HTML 3Page - Linear Technology LTC2921 Datasheet HTML 4Page - Linear Technology LTC2921 Datasheet HTML 5Page - Linear Technology LTC2921 Datasheet HTML 6Page - Linear Technology LTC2921 Datasheet HTML 7Page - Linear Technology LTC2921 Datasheet HTML 8Page - Linear Technology LTC2921 Datasheet HTML 9Page - Linear Technology LTC2921 Datasheet HTML 10Page - Linear Technology LTC2921 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC2903-1
29031f a
TI I G DIAGRA
VRTX
tUV
tRST
1.5V
29031 TD
VX
RST
PI FU CTIO S
V1 (Pin 1): Voltage Input 1. Internal VCC is generated from
the greater voltage on the V1 and V2 inputs. VCC = V1 for
options D1 and E1. Bypass this pin to ground with a 0.1µF
(or greater) capacitor.
GND (Pin 2): Ground.
V2 (Pin 3): Voltage Input 2. Internal VCC is generated from
the greater voltage on the V1 and V2 inputs. VCC = V1 for
options D1 and E1. For option A1, B1, C1 bypass this pin
to ground with a 0.1µF (or greater) capacitor. V2 is an
adjustable input for options D1 and E1. See Table 1b for
recommended ADJ resistor values.
V3 (Pin 4): Voltage Input 3. This input assists the RST pull-
down circuitry below 1V (for options A1, B1 and C1 only).
V3 is an adjustable input for options D1 and E1. See Table
1b for recommended ADJ resistor values.
V4 (Pin 5): Voltage Input 4. Table 1 lists the recommended
ADJ resistor values for options A1, B1 and C1. See Table
1b for options D1 and E1.
RST (Pin 6): Reset Logic Output. Pulls low when any volt-
age input is below reset threshold and held low for 200ms
after all voltage inputs exceed threshold. The pin contains
a weak pull-up to V2 (V1 for options D1 and E1). Use an
external pull-up for faster rise times or output voltages
greater than V2 (V1 for options D1 and E1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com