Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2921 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2921
Description  Precision Quad Supply Monitor in 6-Lead SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2921 Datasheet(HTML) 1 Page - Linear Technology

  LTC2921 Datasheet HTML 1Page - Linear Technology LTC2921 Datasheet HTML 2Page - Linear Technology LTC2921 Datasheet HTML 3Page - Linear Technology LTC2921 Datasheet HTML 4Page - Linear Technology LTC2921 Datasheet HTML 5Page - Linear Technology LTC2921 Datasheet HTML 6Page - Linear Technology LTC2921 Datasheet HTML 7Page - Linear Technology LTC2921 Datasheet HTML 8Page - Linear Technology LTC2921 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC2903-1
29031f a
■ Multivoltage Systems
■ Optical Networking Systems
■
Cell Phone Base Stations
■ Network Servers
Precision Quad Supply
Monitor in 6-Lead SOT-23
, LTC and LT are registered trademarks of Linear Technology Corporation.
■ Ultralow Voltage Reset: VCC = 0.5V Guaranteed
■ Monitor Four Inputs Simultaneously
3.3V, 2.5V, 1.8V, ADJ (LTC2903-A1)
5V, 3.3V, 2.5V, 1.8V (LTC2903-B1)
5V, 3.3V, 1.8V, –5.2V (LTC2903-C1)
3.3V, ADJ, ADJ, ADJ (LTC2903-D1)
5V, ADJ, ADJ, ADJ (LTC2903-E1)
■ Guaranteed Threshold Accuracy: ±1.5% of
Monitored Voltage over Temperature
■ 10% (A1, B1, C1) and 5% (D1, E1) Undervoltage
Monitoring
■ Low Supply Current: 20µA Typical
■ 200ms Reset Time Delay
■ Active Low Open-Drain RST Output
■ Power Supply Glitch Immunity
■ Low Profile (1mm) SOT-23 (ThinSOT
TM) Package
The LTC
®2903-1 monitors up to four supply voltages. The
common reset output remains low until all four inputs
have been in compliance for 200ms. Voltage thresholds
maintain ±1.5% accuracy over temperature (with respect
to the monitored voltage). The LTC2903-1 features an
open-drain RST output with a weak internal pullup.
Internal supply voltage (VCC) is generated from the greater
voltage on the V1, V2 inputs. VCC = V1 for LTC2903-D1 and
LTC2903-E1. The RST output is guaranteed to sink at least
5µA (VOL = 0.15V) for VCC down to 0.5V and will typically
conduct current down to 0V. Quiescent current is 20µA
typical, making the LTC2903-1 ideal for power conscious
systems. The LTC2903-1 is available in a 6-lead low profile
(1mm) SOT-23 package.
ThinSOT is a trademark of Linear Technology Corporation.
VIN, INPUT SUPPLY VOLTAGE (V)
0
0.06
0.08
0.10
0.8
2903 TA01b
0.04
0.02
0.05
0.07
0.09
0.03
0.01
0
0.2
0.1
1µA
0.4
0.3
0.6 0.7
0.9
0.5
1
2µA
5µA
20µA
VIN = V1 = V2 = V3
LTC2903-B1
10µA
Low Voltage Reset Pull-Down Performance
vs External Pull-Up Current and Input Supply Voltage
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
V1
GND
V2
RST
V4
V3
LTC2903-B1
C1
0.1µF
1.8V
C2
0.1µF
2903 TA01
2.5V
3.3V
5V
DC/DC
CONVERTER
SYSTEM
LOGIC


Similar Part No. - LTC2921

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2921 LINER-LTC2921 Datasheet
316Kb / 20P
Power Supply Tracker with Input Monitors
LTC2921CGN LINER-LTC2921CGN Datasheet
316Kb / 20P
Power Supply Tracker with Input Monitors
LTC2921CGN-2.5 LINER-LTC2921CGN-2.5 Datasheet
316Kb / 20P
Power Supply Tracker with Input Monitors
LTC2921CGN-3.3 LINER-LTC2921CGN-3.3 Datasheet
316Kb / 20P
Power Supply Tracker with Input Monitors
LTC2921IGN LINER-LTC2921IGN Datasheet
316Kb / 20P
Power Supply Tracker with Input Monitors
More results

Similar Description - LTC2921

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC5062 FAIRCHILD-ILC5062 Datasheet
507Kb / 9P
SOT-23 Power Supply reset Monitor with 1% precision
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
SOT-23 POWER SUPPLY RESET MONITOR
logo
Linear Technology
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC2903-1 LINER-LTC2903-1 Datasheet
187Kb / 16P
Precision Quad Supply Monitor in 6-Lead SOT-23
LTC1985-1.8 LINER-LTC1985-1.8 Datasheet
140Kb / 8P
Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
LTC1985-1.8 LINER-LTC1985-1.8_15 Datasheet
146Kb / 8P
Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC2903-1 LINER-LTC2903-1_15 Datasheet
167Kb / 16P
Precision Quad Supply Monitor in 6-Lead SOT-23
logo
Analog Devices
AD7940 AD-AD7940_17 Datasheet
391Kb / 21P
14-Bit ADC in 6-Lead SOT-23
8/11-Rev. 0 to Rev. A
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
12-Bit ADC in 6-Lead SOT-23
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com