Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2921 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2921
Description  Precision Quad Supply Monitor in 6-Lead SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2921 Datasheet(HTML) 5 Page - Linear Technology

  LTC2921 Datasheet HTML 1Page - Linear Technology LTC2921 Datasheet HTML 2Page - Linear Technology LTC2921 Datasheet HTML 3Page - Linear Technology LTC2921 Datasheet HTML 4Page - Linear Technology LTC2921 Datasheet HTML 5Page - Linear Technology LTC2921 Datasheet HTML 6Page - Linear Technology LTC2921 Datasheet HTML 7Page - Linear Technology LTC2921 Datasheet HTML 8Page - Linear Technology LTC2921 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC2903-1
29031f a
TYPICAL PERFOR A CE CHARACTERISTICS
Transient Duration
vs Comparator Overdrive
Reset Time-Out Period
vs Temperature
RST Output Voltage with 10k
Pull-Up to V1
RST Output Voltage with
10k Pull-Up to V1
RESET COMPARATOR OVERDRIVE (% OF VRTX)
0.1
250
300
350
400
1
10
100
29031 G10
200
150
50
0
100
RESET OCCURS
ABOVE CURVE
TEMPERATURE (°C)
–50
140
160
180
200
220
260
–25
025
50
29301 G11
75
100
240
V1 (V)
0
3.0
4.0
5.0
4
29031 G12
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
1
0.5
2
1.5
3
3.5
4.5
2.5
5
V1 = V2 = V3
LTC2903-B1, -C1
V1 (V)
0
0.15
0.20
0.25
0.30
0.8
29301 G13
0.10
0.05
0
0.2
0.4
0.6
1.0
0.7
0.1
0.3
0.5
0.9
V1 ONLY
V1 = V2 = V3
Low Voltage Reset Pull-Down
Performance vs External Pull-Up
Current and Input Supply Voltage
VIN, INPUT SUPPLY VOLTAGE (V)
0
0.06
0.08
0.10
0.8
29031 G14
0.04
0.02
0.05
0.07
0.09
0.03
0.01
0
0.2
0.1
1µA
0.4
0.3
0.6 0.7
0.9
0.5
1
2µA
5µA
20µA
VIN = V1 = V2 = V3
10µA
RST Current Sink Capability
vs VCC
VCC (V)
0
9
12
15
1.5
2.5
5
29031 G15
6
3
0
0.5
1
2
3
3.5
4
4.5
VOL = 0.4V
VOL = 0.2V
RST Voltage Output Low
vs RST Sink Current
IRST (mA)
0
0
0.3
0.9
1.2
1.5
10
20
25
45
29031 G16
0.6
515
30
35
40
LTC2903-A1, -E1
V1 = 3.3V
85°C
25°C
–45°C
IRST (mA)
0
0
0.3
0.9
1.2
1.5
10
20
60
29031 G16
0.6
30
40
50
LTC2903-B1, -C1, -D1
V1 = 5V
85°C
25°C
–45°C
RST Voltage Output Low
vs RST Sink Current
Supply Currents vs Temperature
TEMPERATURE (°C)
–50
0
5
10
15
20
25
–25
025
50
29031 G20
75
100
LTC2903-E1
LTC2903-D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com