Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2921 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2921
Description  Precision Quad Supply Monitor in 6-Lead SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2921 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2921 Datasheet HTML 8Page - Linear Technology LTC2921 Datasheet HTML 9Page - Linear Technology LTC2921 Datasheet HTML 10Page - Linear Technology LTC2921 Datasheet HTML 11Page - Linear Technology LTC2921 Datasheet HTML 12Page - Linear Technology LTC2921 Datasheet HTML 13Page - Linear Technology LTC2921 Datasheet HTML 14Page - Linear Technology LTC2921 Datasheet HTML 15Page - Linear Technology LTC2921 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC2903-1
29031f a
TYPICAL APPLICATIO S
Quad Supply Monitor with Unused Input Pulled Above Threshold
V1
GND
V2
SYSTEM RESET
–5.2V
RST
V4
V3
5V
3.3V
1
2
3
6
5
4
LTC2903-C1
2903 TA03
C1
0.1µF
C2
0.1µF
Quad Supply Monitor with 3 Adjustable Inputs Monitoring
5% Supplies
V1
GND
SYSTEM RESET
12V
(VTRIP = 11.25V)
2.5V
(VTRIP = 2.325V)
RST
V4
V2
V3
3.3V
1.8V
(VTRIP = 1.685V)
1
2
6
5
34
LTC2903-D1
100k
2903 TA06
C1
0.1µF
2150k
100k
100k
365k
237k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com