Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL0816-R022F Datasheet(PDF) 5 Page - DAESAN ELECTRONIC CORP.

Part # RL0816-R022F
Description  1/8W 0816 LOW RESISTNACE CHIP RESISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL0816-R022F Datasheet(HTML) 5 Page - DAESAN ELECTRONIC CORP.

  RL0816-R022F Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 7Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 8Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 9Page - DAESAN ELECTRONIC CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: RLI00000N
REVISION
: A1
PAGE
: 5 OF 11
5-1-5 Voltage Proof
Resistance Change :
± (0.5%)
Without damage by flashover, fire or breakdown, as shown below.
The resistor shall be tested as shown in paragraph 4-1-4
The voltage : 100VAC (rms.) for 1 minute
Refer to IEC 60115-1 Sub-clause 4.7.
5-2 Mechanical
5-2-1 Terminal Strength
Resistance Change :
± (0.5%)
Without mechanical damage such as breaks.
Electrical characteristics shall be satisfied.
If there are electrodes on both surfaces, it shall satisfy the above specifications on whichever
surface may be fixated.
Bending Amplitude : 3 mm
30 seconds
Refer to IEC 60115-1 Sub-clause 4.33.
45
45
Solder
Supports
Within ± 2mm
Test PC Board
Sample
Press Jig
Refer to EIAJ RC-2530
Unit : mm
R230
20
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com