Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL0816-R022F Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # RL0816-R022F
Description  1/8W 0816 LOW RESISTNACE CHIP RESISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL0816-R022F Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  RL0816-R022F Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 7Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 8Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 9Page - DAESAN ELECTRONIC CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: RLI00000N
REVISION
: A1
PAGE
: 1 OF 11
1/8W 0816 LOW RESISTNACE CHIP RESISTOR
1. Scope
This specification applies to 0.8mm x 1.60mm size 1/8W, fixed metal film chip resistors rectangular
type for use in electronic equipment.
2. Type Designation
RL0816□
− □□□
(1)
(2)
(3)
Where
(1) Series No :refer to paragraph 4-1
RL0816T or RL0816S
(2) Resistance value: refer to paragraph 4-1
For example—
Three digits of number
( 0.1
≤ R)
R10 = 0.1
1R0 = 1.0
Four digits of number(R
< 0.1Ω)
R022 = 0.022
(3) Resistance tolerance:
F =
± 1%
G =
± 2%


Similar Part No. - RL0816-R022F

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RL0816-4-R010F DELTA-RL0816-4-R010F Datasheet
144Kb / 7P
1/2W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
RL0816-4-R010G DELTA-RL0816-4-R010G Datasheet
144Kb / 7P
1/2W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
RL0816-4-R010J DELTA-RL0816-4-R010J Datasheet
144Kb / 7P
1/2W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
RL0816-4-R020F DELTA-RL0816-4-R020F Datasheet
144Kb / 7P
1/2W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
RL0816-4-R020G DELTA-RL0816-4-R020G Datasheet
144Kb / 7P
1/2W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
More results

Similar Description - RL0816-R022F

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RLT0816-2-R100F DELTA-RLT0816-2-R100F Datasheet
137Kb / 9P
1/8W, 0603, Low Resistance Chip Resistor (Lead / Halogen Free)
RLT0510-2-R075F DELTA-RLT0510-2-R075F Datasheet
99Kb / 9P
1/8W, 0402, Low Resistance Chip Resistor (Lead / Halogen Free)
logo
DAESAN ELECTRONIC CORP.
RL1005-2-R075F DAESAN-RL1005-2-R075F Datasheet
236Kb / 8P
1/8W, 0402 Low Resistance Chip Resistor (Lead / Halogen free)
logo
Vishay Barry
RP0805ZZ-XXXXWN-96 BARRY-RP0805ZZ-XXXXWN-96 Datasheet
180Kb / 2P
8W BeO Chip Resistor w/ Wraparound Terminals
REV.B MAY 21 2021
RE1005ZZ-XXXXJN-2S BARRY-RE1005ZZ-XXXXJN-2S Datasheet
182Kb / 2P
8W AlN Chip Resistor w/ Both Mounting Pads Extended
REV.B DEC 14 2016
RP2010ZZ-XXXXJN-91 BARRY-RP2010ZZ-XXXXJN-91 Datasheet
248Kb / 2P
8W Al2O3 Chip Resistor w/ Wraparound Terminals
RY1005ZZ-XXXXJN-98 BARRY-RY1005ZZ-XXXXJN-98 Datasheet
150Kb / 2P
8W 1005 BeO Chip Resistor w/ Isolated Center Pad
RZ1005ZZ-XXXXJN-2S BARRY-RZ1005ZZ-XXXXJN-2S Datasheet
202Kb / 2P
8W AlN Chip Resistor w/ One Extended Mounting Pad
REV.B JAN 12 2017
RZ1005ZZ-XXXXJN-98 BARRY-RZ1005ZZ-XXXXJN-98 Datasheet
198Kb / 2P
8W BeO Chip Resistor w/ One Extended Mounting Pad
REV.B DEC 20 2016
RE1005ZZ-XXXXJN-98 BARRY-RE1005ZZ-XXXXJN-98 Datasheet
183Kb / 2P
8W BeO Chip Resistor w/ Both Mounting Pads Extended
REV.B DEC 14 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com