Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL0816-R022F Datasheet(PDF) 7 Page - DAESAN ELECTRONIC CORP.

Part # RL0816-R022F
Description  1/8W 0816 LOW RESISTNACE CHIP RESISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL0816-R022F Datasheet(HTML) 7 Page - DAESAN ELECTRONIC CORP.

Back Button RL0816-R022F Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 7Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 8Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 9Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 10Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 11Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: RLI00000N
REVISION
: A1
PAGE
: 7 OF 11
5-2-5 Resistance to Solvent
Without mechanical damage and distinct damage in appearance.
Immersion cleaning
At normal temperature 300 seconds in Isopropyl Alcohol.
Refer to IEC 60115-1 Sub-clause 4.29.
5-3 Endurance
5-3-1 Rapid Change of Temperature
Resistance Change :
± (0.5%)
Without distinct damage
Resistance shall be subjected to 5 cycles of the temperature cycle as following :
-55
± 3℃, 30 minutes→ room temperature, 2 ~ 3 minutes
→ +125 ± 2℃, 30 minutes → room temperature, 2 ~ 3 minutes
Refer to IEC 60115-1 Sub-clause 4.19.
5-3-2 Dump Heat with Load
Resistance Change :
± (1.0%)
Without distinct damage
60
± 2℃ with relative humidity of 90 to 95%
DC rated voltage for 1.5 hours on 0.5 hour off
1,000 + 48 / - 0 hours
5-3-3 Endurance at 70℃
Resistance Change :
± (1.0%)
Without distinct damage
70
± 2℃
DC rated voltage for 1.5 hours on 0.5 hour off
1,000 + 48 / -0 hours
Refer to IEC 60115-1 Sub-clause 4.25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com