Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL0816-R022F Datasheet(PDF) 6 Page - DAESAN ELECTRONIC CORP.

Part # RL0816-R022F
Description  1/8W 0816 LOW RESISTNACE CHIP RESISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL0816-R022F Datasheet(HTML) 6 Page - DAESAN ELECTRONIC CORP.

Back Button RL0816-R022F Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 7Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 8Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 9Page - DAESAN ELECTRONIC CORP. RL0816-R022F Datasheet HTML 10Page - DAESAN ELECTRONIC CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: RLI00000N
REVISION
: A1
PAGE
: 6 OF 11
5-2-2 Body Strength
Resistance Change :
± (0.5%)
Without mechanical damage such as breaks.
A load of 10N using a R0.5 pressure rod shall be applied to the center in the direction of
the arrow and held for 10
± 1 seconds.
5-2-3 Solderability
A new uniform coating of solder shall cover minimum of 95% of the surface being immersed.
Temperature of solder : 245
± 5℃
Immersion duration : 2
± 0.5 seconds
Refer to IEC 60115-1 Sub-clause 4.17.
5-2-4 Resistance to Soldering Heat
Resistance Change :
± (0.5%)
Electrical characteristics shall be satisfied.
Without distinct deformation in appearance.
(1) Solder bath method
Pre-heat : 100 to 110℃
30 seconds
Temperature : 270
± 5℃
10
± 1seconds
(2) Reflow Soldering method
Peak temperature : 260
± 5℃
10 seconds or less
Temperature : 220
± 5℃
60 seconds max.
The heating apparatus shall be the upper-heated oven and temperature shall be
the board surface temperature.
(3) Soldering iron method
Bit temperature : 350
± 5℃
3
± 1/0 seconds
The resistor shall be stored at standard atmospheric conditions for 1 hour, after
which the measurements shall be made.
Refer to IEC 60115-1 Sub-clause 4.18.
R0.5
1/2L
L
Resistor
Pressure rod
Unit : mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com