Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 19Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 20Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 21Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 22Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 23Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 24Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 25Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 26Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 21
PIC18F2525/2620/4525/4620
PORTE is a bidirectional I/O port.
RE0/RD/AN5
RE0
RD
AN5
825
25
I/O
I
I
ST
TTL
Analog
Digital I/O.
Read control for Parallel Slave Port
(see also WR and CS pins).
Analog input 5.
RE1/WR/AN6
RE1
WR
AN6
926
26
I/O
I
I
ST
TTL
Analog
Digital I/O.
Write control for Parallel Slave Port
(see CS and RD pins).
Analog input 6.
RE2/CS/AN7
RE2
CS
AN7
10
27
27
I/O
I
I
ST
TTL
Analog
Digital I/O.
Chip select control for Parallel Slave Port
(see related RD and WR).
Analog input 7.
RE3
—
—
—
—
—
See MCLR/VPP/RE3 pin.
VSS
12, 31 6, 30,
31
6, 29
P
—
Ground reference for logic and I/O pins.
VDD
11, 32
7, 8,
28, 29
7, 28
P
—
Positive supply for logic and I/O pins.
NC
—
13
12, 13,
33, 34
—
—
No connect.
TABLE 1-3:
PIC18F4525/4620 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PDIP
QFN
TQFP
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
I
= Input
O
= Output
P
= Power
Note 1:
Default assignment for CCP2 when the CCP2MX Configuration bit is set.
2:
Alternate assignment for CCP2 when the CCP2MX Configuration bit is cleared.
3:
For the QFN package, it is recommended that the bottom pad be connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com