Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 47Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 48Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 49Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 50Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 51Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 52Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 53Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 54Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 49
PIC18F2525/2620/4525/4620
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
TOSU
2525 2620 4525 4620
---0 0000
---0 0000
---0 uuuu(3)
TOSH
2525 2620 4525 4620
0000 0000
0000 0000
uuuu uuuu(3)
TOSL
2525 2620 4525 4620
0000 0000
0000 0000
uuuu uuuu(3)
STKPTR
2525 2620 4525 4620
00-0 0000
uu-0 0000
uu-u uuuu(3)
PCLATU
2525 2620 4525 4620
---0 0000
---0 0000
---u uuuu
PCLATH
2525 2620 4525 4620
0000 0000
0000 0000
uuuu uuuu
PCL
2525 2620 4525 4620
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
2525 2620 4525 4620
--00 0000
--00 0000
--uu uuuu
TBLPTRH
2525 2620 4525 4620
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
2525 2620 4525 4620
0000 0000
0000 0000
uuuu uuuu
TABLAT
2525 2620 4525 4620
0000 0000
0000 0000
uuuu uuuu
PRODH
2525 2620 4525 4620
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
2525 2620 4525 4620
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
2525 2620 4525 4620
0000 000x
0000 000u
uuuu uuuu(1)
INTCON2
2525 2620 4525 4620
1111 -1-1
1111 -1-1
uuuu -u-u(1)
INTCON3
2525 2620 4525 4620
11-0 0-00
11-0 0-00
uu-u u-uu(1)
INDF0
2525 2620 4525 4620
N/A
N/A
N/A
POSTINC0
2525 2620 4525 4620
N/A
N/A
N/A
POSTDEC0
2525 2620 4525 4620
N/A
N/A
N/A
PREINC0
2525 2620 4525 4620
N/A
N/A
N/A
PLUSW0
2525 2620 4525 4620
N/A
N/A
N/A
FSR0H
2525 2620 4525 4620
---- 0000
---- 0000
---- uuuu
FSR0L
2525 2620 4525 4620
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
2525 2620 4525 4620
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
2525 2620 4525 4620
N/A
N/A
N/A
POSTINC1
2525 2620 4525 4620
N/A
N/A
N/A
POSTDEC1
2525 2620 4525 4620
N/A
N/A
N/A
PREINC1
2525 2620 4525 4620
N/A
N/A
N/A
PLUSW1
2525 2620 4525 4620
N/A
N/A
N/A
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com