Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 93Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 94Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 95Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 96Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 97Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 98Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 99Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 100Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 95
PIC18F2525/2620/4525/4620
TABLE 9-3:
PORTB I/O SUMMARY
Pin
Function
TRIS
Setting
I/O
I/O
Type
Description
RB0/INT0/FLT0/
AN12
RB0
0
O
DIG
LATB<0> data output; not affected by analog input.
1
I
TTL
PORTB<0> data input; weak pull-up when RBPU bit is cleared.
Disabled when analog input enabled.(1)
INT0
1
I
ST
External interrupt 0 input.
FLT0
1
I
ST
Enhanced PWM Fault input (ECCP1 module); enabled in software.
AN12
1
I
ANA
A/D input channel 12.(1)
RB1/INT1/AN10
RB1
0
O
DIG
LATB<1> data output; not affected by analog input.
1
I
TTL
PORTB<1> data input; weak pull-up when RBPU bit is cleared.
Disabled when analog input enabled.(1)
INT1
1
I
ST
External interrupt 1 input.
AN10
1
I
ANA
A/D input channel 10.(1)
RB2/INT2/AN8
RB2
0
O
DIG
LATB<2> data output; not affected by analog input.
1
I
TTL
PORTB<2> data input; weak pull-up when RBPU bit is cleared.
Disabled when analog input enabled.(1)
INT2
1
I
ST
External interrupt 2 input.
AN8
1
I
ANA
A/D input channel 8.(1)
RB3/AN9/CCP2
RB3
0
O
DIG
LATB<3> data output; not affected by analog input.
1
I
TTL
PORTB<3> data input; weak pull-up when RBPU bit is cleared.
Disabled when analog input enabled.(1)
AN9
1
I
ANA
A/D input channel 9.(1)
CCP2(2)
0
O
DIG
CCP2 compare and PWM output.
1
I
ST
CCP2 capture input.
RB4/KBI0/AN11
RB4
0
O
DIG
LATB<4> data output; not affected by analog input.
1
I
TTL
PORTB<4> data input; weak pull-up when RBPU bit is cleared.
Disabled when analog input enabled.(1)
KBI0
1
I
TTL
Interrupt on pin change.
AN11
1
I
ANA
A/D input channel 11.(1)
RB5/KBI1/PGM
RB5
0
O
DIG
LATB<5> data output.
1
I
TTL
PORTB<5> data input; weak pull-up when RBPU bit is cleared.
KBI1
1
I
TTL
Interrupt on pin change.
PGM
x
I
ST
Single-Supply Programming mode entry (ICSP™). Enabled by LVP
Configuration bit; all other pin functions disabled.
RB6/KBI2/PGC
RB6
0
O
DIG
LATB<6> data output.
1
I
TTL
PORTB<6> data input; weak pull-up when RBPU bit is cleared.
KBI2
1
I
TTL
Interrupt on pin change.
PGC
x
I
ST
Serial execution (ICSP™) clock input for ICSP and ICD operation.(3)
RB7/KBI3/PGD
RB7
0
O
DIG
LATB<7> data output.
1
I
TTL
PORTB<7> data input; weak pull-up when RBPU bit is cleared.
KBI3
1
I
TTL
Interrupt on pin change.
PGD
x
O
DIG
Serial execution data output for ICSP and ICD operation.(3)
x
I
ST
Serial execution data input for ICSP and ICD operation.(3)
Legend:
DIG = Digital level output; TTL = TTL input buffer; ST = Schmitt Trigger input buffer; ANA = Analog level input/output;
x
= Don’t care (TRIS bit does not affect port direction or is overridden for this option).
Note
1:
Configuration on POR is determined by the PBADEN Configuration bit. Pins are configured as analog inputs by default
when PBADEN is set and digital inputs when PBADEN is cleared.
2:
Alternate assignment for CCP2 when the CCP2MX Configuration bit is ‘0’. Default assignment is RC1.
3:
All other pin functions are disabled when ICSP or ICD is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com