Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 54 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 54 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 50Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 51Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 52Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 53Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 54Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 55Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 56Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 57Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 52
© 2008 Microchip Technology Inc.
IPR2
2525 2620 4525 4620
11-1 1111
11-1 1111
uu-u uuuu
PIR2
2525 2620 4525 4620
00-0 0000
00-0 0000
uu-u uuuu(1)
PIE2
2525 2620 4525 4620
00-0 0000
00-0 0000
uu-u uuuu
IPR1
2525 2620 4525 4620
1111 1111
1111 1111
uuuu uuuu
2525 2620 4525 4620
-111 1111
-111 1111
-uuu uuuu
PIR1
2525 2620 4525 4620
0000 0000
0000 0000
uuuu uuuu(1)
2525 2620 4525 4620
-000 0000
-000 0000
-uuu uuuu(1)
PIE1
2525 2620 4525 4620
0000 0000
0000 0000
uuuu uuuu
2525 2620 4525 4620
-000 0000
-000 0000
-uuu uuuu
OSCTUNE
2525 2620 4525 4620
00-0 0000
00-0 0000
uu-u uuuu
TRISE
2525 2620 4525 4620
0000 -111
0000 -111
uuuu -uuu
TRISD
2525 2620 4525 4620
1111 1111
1111 1111
uuuu uuuu
TRISC
2525 2620 4525 4620
1111 1111
1111 1111
uuuu uuuu
TRISB
2525 2620 4525 4620
1111 1111
1111 1111
uuuu uuuu
TRISA(5)
2525 2620 4525 4620
1111 1111(5)
1111 1111(5)
uuuu uuuu(5)
LATE
2525 2620 4525 4620
---- -xxx
---- -uuu
---- -uuu
LATD
2525 2620 4525 4620
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC
2525 2620 4525 4620
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATB
2525 2620 4525 4620
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA(5)
2525 2620 4525 4620
xxxx xxxx(5)
uuuu uuuu(5)
uuuu uuuu(5)
PORTE
2525 2620 4525 4620
---- xxxx
---- uuuu
---- uuuu
2525 2620 4525 4620
---- x---
---- u---
---- u---
PORTD
2525 2620 4525 4620
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
2525 2620 4525 4620
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTB
2525 2620 4525 4620
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA(5)
2525 2620 4525 4620
xx0x 0000(5)
uu0u 0000(5)
uuuu uuuu(5)
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com