Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 247 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 247 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 243Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 244Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 245Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 246Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 247Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 248Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 249Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 250Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 251Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 245
PIC18F2525/2620/4525/4620
22.2
HLVD Setup
The following steps are needed to set up the HLVD
module:
1.
Disable the module by clearing the HLVDEN bit
(HLVDCON<4>).
2.
Write the value to the HLVDL3:HLVDL0 bits that
selects the desired HLVD trip point.
3.
Set the VDIRMAG bit to detect high voltage
(VDIRMAG = 1) or low voltage (VDIRMAG = 0).
4.
Enable the HLVD module by setting the
HLVDEN bit.
5.
Clear the HLVD interrupt flag (PIR2<2>), which
may have been set from a previous interrupt.
6.
Enable the HLVD interrupt if interrupts are
desired by setting the HLVDIE and GIE bits
(PIE<2> and INTCON<7>). An interrupt will not
be generated until the IRVST bit is set.
22.3
Current Consumption
When the module is enabled, the HLVD comparator
and voltage divider are enabled and will consume static
current. The total current consumption, when enabled,
is specified in electrical specification parameter D022B.
Depending on the application, the HLVD module does
not need to be operating constantly. To decrease the
current requirements, the HLVD circuitry may only
need to be enabled for short periods where the voltage
is checked. After doing the check, the HLVD module
may be disabled.
22.4
HLVD Start-up Time
The internal reference voltage of the HLVD module,
specified in electrical specification parameter D420,
may be used by other internal circuitry, such as the
Programmable Brown-out Reset. If the HLVD or other
circuits using the voltage reference are disabled to
lower the device’s current consumption, the reference
voltage circuit will require time to become stable before
a low or high-voltage condition can be reliably
detected. This start-up time, TIRVST, is an interval that
is independent of device clock speed. It is specified in
electrical specification parameter 36.
The HLVD interrupt flag is not enabled until TIRVST has
expired and a stable reference voltage is reached. For
this reason, brief excursions beyond the set point may
not
be
detected
during
this
interval.
Refer
to
Figure 22-2 or Figure 22-3.
FIGURE 22-2:
LOW-VOLTAGE DETECT OPERATION (VDIRMAG = 0)
VLVD
VDD
HLVDIF
VLVD
VDD
Enable HLVD
TIRVST
HLVDIF may not be set
Enable HLVD
HLVDIF
HLVDIF cleared in software
HLVDIF cleared in software
HLVDIF cleared in software,
CASE 1:
CASE 2:
HLVDIF remains set since HLVD condition still exists
TIRVST
Internal Reference is stable
Internal Reference is stable
IRVST
IRVST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com