Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 253 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 253 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 249Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 250Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 251Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 252Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 253Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 254Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 255Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 256Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 257Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 251
PIC18F2525/2620/4525/4620
REGISTER 23-2:
CONFIG2L: CONFIGURATION REGISTER 2 LOW (BYTE ADDRESS 300002h)
U-0
U-0
U-0
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
—
—BORV1(1)
BORV0(1)
BOREN1(2)
BOREN0(2)
PWRTEN(2)
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state
bit 7-5
Unimplemented: Read as ‘0’
bit 4-3
BORV1:BORV0: Brown-out Reset Voltage bits(1)
11
= Minimum setting
.
.
.
00
= Maximum setting
bit 2-1
BOREN1:BOREN0: Brown-out Reset Enable bits(2)
11
= Brown-out Reset enabled in hardware only (SBOREN is disabled)
10
= Brown-out Reset enabled in hardware only and disabled in Sleep mode (SBOREN is disabled)
01
= Brown-out Reset enabled and controlled by software (SBOREN is enabled)
00
= Brown-out Reset disabled in hardware and software
bit 0
PWRTEN: Power-up Timer Enable bit(2)
1
= PWRT disabled
0
= PWRT enabled
Note 1:
See Section 26.1 “DC Characteristics: Supply Voltage” for specifications.
2:
The Power-up Timer is decoupled from Brown-out Reset, allowing these features to be independently
controlled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com