Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 261 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 261 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 257Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 258Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 259Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 260Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 261Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 262Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 263Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 264Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 265Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 259
PIC18F2525/2620/4525/4620
TABLE 23-2:
SUMMARY OF WATCHDOG TIMER REGISTERS
REGISTER 23-14: WDTCON: WATCHDOG TIMER CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
—
—
—
—
—
—
—SWDTEN(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-1
Unimplemented: Read as ‘0’
bit 0
SWDTEN: Software Controlled Watchdog Timer Enable bit(1)
1
= Watchdog Timer is on
0
= Watchdog Timer is off
Note 1:
This bit has no effect if the Configuration bit, WDTEN, is enabled.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
RCON
IPEN
SBOREN(1)
—
RI
TO
PD
POR
BOR
50
WDTCON
—
—
—
—
—
—
—SWDTEN
50
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by the Watchdog Timer.
Note 1:
The SBOREN bit is only available when the BOREN1:BOREN0 Configuration bits = 01; otherwise, it is
disabled and reads as ‘0’. See Section 4.4 “Brown-out Reset (BOR)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com