Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 266 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 266 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 262Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 263Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 264Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 265Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 266Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 267Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 268Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 269Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 270Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 264
© 2008 Microchip Technology Inc.
23.5.1
PROGRAM MEMORY
CODE PROTECTION
The program memory may be read to or written from
any location using the table read and table write
instructions. The device ID may be read with table
reads. The Configuration registers may be read and
written with the table read and table write instructions.
In normal execution mode, the CPx bits have no direct
effect. CPx bits inhibit external reads and writes. A
block of user memory may be protected from table
writes if the WRTx Configuration bit is ‘0’. The EBTRx
bits control table reads. For a block of user memory
with the EBTRx bit set to ‘0’, a table read instruction
that executes from within that block is allowed to read.
A table read instruction that executes from a location
outside of that block is not allowed to read and will result
in reading ‘0’s. Figures 23-6 through 23-8 illustrate table
write and table read protection.
FIGURE 23-6:
TABLE WRITE (WRTx) DISALLOWED
Note:
Code protection bits may only be written to
a ‘0’ from a ‘1’ state. It is not possible to
write a ‘1’ to a bit in the ‘0’ state. Code
protection bits are only set to ‘1’ by a full
chip erase or block erase function. The full
chip erase and block erase functions can
only be initiated via ICSP operation or an
external programmer.
000000h
0007FFh
000800h
003FFFh
004000h
007FFFh
008000h
00BFFFh
00C000h
00FFFFh
WRTB, EBTRB = 11
WRT0, EBTR0 = 01
WRT1, EBTR1 = 11
WRT2, EBTR2 = 11
WRT3, EBTR3 = 11
TBLWT*
TBLPTR = 0008FFh
PC = 003FFEh
TBLWT*
PC = 00BFFEh
Register Values
Program Memory
Configuration Bit Settings
Results: All table writes disabled to Blockn whenever WRTx = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com