Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 276 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 276 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 272Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 273Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 274Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 275Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 276Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 277Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 278Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 279Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 280Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 274
© 2008 Microchip Technology Inc.
ADDWFC
ADD W and Carry bit to f
Syntax:
ADDWFC
f {,d {,a}}
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(W) + (f) + (C)
→ dest
Status Affected:
N,OV, C, DC, Z
Encoding:
0010
00da
ffff
ffff
Description:
Add W, the Carry flag and data memory
location ‘f’. If ‘d’ is ‘0’, the result is
placed in W. If ‘d’ is ‘1’, the result is
placed in data memory
location ‘f’.
If ‘a’ is ‘0’, the Access Bank is selected.
If ‘a’ is ‘1’, the BSR is used to select the
GPR bank.
If ‘a’ is ‘0’ and the extended instruction
set is enabled, this instruction operates
in Indexed Literal Offset Addressing
mode whenever f
≤ 95 (5Fh). See
Section 24.2.3 “Byte-Oriented and
Bit-Oriented Instructions in Indexed
Literal Offset Mode” for details.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ‘f’
Process
Data
Write to
destination
Example:
ADDWFC
REG,
0, 1
Before Instruction
Carry bit
=
1
REG
=
02h
W=
4Dh
After Instruction
Carry bit
=
0
REG
=
02h
W
=
50h
ANDLW
AND Literal with W
Syntax:
ANDLW
k
Operands:
0
≤ k ≤ 255
Operation:
(W) .AND. k
→ W
Status Affected:
N, Z
Encoding:
0000
1011
kkkk
kkkk
Description:
The contents of W are ANDed with the
8-bit literal ‘k’. The result is placed in W.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read literal
‘k’
Process
Data
Write to W
Example:
ANDLW
05Fh
Before Instruction
W=
A3h
After Instruction
W
=
03h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com