Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 317 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 317 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 313Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 314Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 315Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 316Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 317Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 318Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 319Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 320Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 321Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 315
PIC18F2525/2620/4525/4620
ADDWF
ADD W to Indexed
(Indexed Literal Offset mode)
Syntax:
ADDWF
[k] {,d}
Operands:
0
≤ k ≤ 95
d
∈ [0,1]
Operation:
(W) + ((FSR2) + k)
→ dest
Status Affected:
N, OV, C, DC, Z
Encoding:
0010
01d0
kkkk
kkkk
Description:
The contents of W are added to the
contents of the register indicated by
FSR2, offset by the value ‘k’.
If ‘d’ is ‘0’, the result is stored in W. If ‘d’
is ‘1’, the result is stored back in
register ‘f’ (default).
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read ‘k’
Process
Data
Write to
destination
Example:
ADDWF
[OFST] , 0
Before Instruction
W
=
17h
OFST
=
2Ch
FSR2
=
0A00h
Contents
of 0A2Ch
=
20h
After Instruction
W
=
37h
Contents
of 0A2Ch
=
20h
BSF
Bit Set Indexed
(Indexed Literal Offset mode)
Syntax:
BSF [k], b
Operands:
0
≤ f ≤ 95
0
≤ b ≤ 7
Operation:
1
→ ((FSR2) + k)<b>
Status Affected:
None
Encoding:
1000
bbb0
kkkk
kkkk
Description:
Bit ‘b’ of the register indicated by FSR2,
offset by the value ‘k’, is set.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ‘f’
Process
Data
Write to
destination
Example:
BSF
[FLAG_OFST], 7
Before Instruction
FLAG_OFST
=
0Ah
FSR2
=
0A00h
Contents
of 0A0Ah
=
55h
After Instruction
Contents
of 0A0Ah
=
D5h
SETF
Set Indexed
(Indexed Literal Offset mode)
Syntax:
SETF [k]
Operands:
0
≤ k ≤ 95
Operation:
FFh
→ ((FSR2) + k)
Status Affected:
None
Encoding:
0110
1000
kkkk
kkkk
Description:
The contents of the register indicated by
FSR2, offset by ‘k’, are set to FFh.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read ‘k’
Process
Data
Write
register
Example:
SETF
[OFST]
Before Instruction
OFST
=
2Ch
FSR2
=
0A00h
Contents
of 0A2Ch
=
00h
After Instruction
Contents
of 0A2Ch
=
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com