Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 326 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 326 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 322Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 323Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 324Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 325Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 326Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 327Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 328Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 329Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 330Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 324
© 2008 Microchip Technology Inc.
26.1
DC Characteristics:
Supply Voltage
PIC18F2525/2620/4525/4620 (Industrial)
PIC18LF2525/2620/4525/4620 (Industrial)
PIC18LF2525/2620/4525/4620
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC18F2525/2620/4525/4620
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Symbol
Characteristic
Min
Typ
Max Units
Conditions
D001
VDD
Supply Voltage
PIC18LFX525/X620
2.0
—
5.5
V
HS, XT, RC and LP Oscillator mode
PIC18FX525/X620
4.2
—
5.5
V
D002
VDR
RAM Data Retention
Voltage(1)
1.5
—
—
V
D003
VPOR
VDD Start Voltage
to ensure internal
Power-on Reset signal
—
—
0.7
V
See section on Power-on Reset for details
D004
SVDD
VDD Rise Rate
to ensure internal
Power-on Reset signal
0.05
—
—
V/ms See section on Power-on Reset for details
VBOR
Brown-out Reset Voltage
D005
PIC18LFX525/X620
BORV1:BORV0 = 11
2.00
2.11
2.22
V
BORV1:BORV0 = 10
2.65
2.79
2.93
V
D005
All Devices
BORV1:BORV0 = 01(2)
4.11
4.33
4.55
V
BORV1:BORV0 = 00
4.36
4.59
4.82
V
Legend:
Shading of rows is to assist in readability of the table.
Note 1:
This is the limit to which VDD can be lowered in Sleep mode, or during a device Reset, without losing RAM data.
2:
With BOR enabled, full-speed operation (FOSC = 40 MHz) is supported until a BOR occurs. This is valid although
VDD may be below the minimum voltage for this frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com