Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 346 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 346 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 342Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 343Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 344Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 345Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 346Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 347Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 348Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 349Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 350Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 344
© 2008 Microchip Technology Inc.
FIGURE 26-7:
CLKO AND I/O TIMING
TABLE 26-9:
CLKO AND I/O TIMING REQUIREMENTS
Note:
Refer to Figure 26-5 for load conditions.
OSC1
CLKO
I/O pin
(Input)
I/O pin
(Output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
Old Value
New Value
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units Conditions
10
TosH2ckL OSC1
↑ to CLKO ↓
—
75
200
ns
(Note 1)
11
TosH2ckH OSC1
↑ to CLKO ↑
—
75
200
ns
(Note 1)
12
TckR
CLKO Rise Time
—
35
100
ns
(Note 1)
13
TckF
CLKO Fall Time
—
35
100
ns
(Note 1)
14
TckL2ioV
CLKO
↓ to Port Out Valid
—
—
0.5 TCY + 20
ns
(Note 1)
15
TioV2ckH Port In Valid before CLKO
↑
0.25 TCY + 25
—
—
ns
(Note 1)
16
TckH2ioI
Port In Hold after CLKO
↑
0—
—
ns
(Note 1)
17
TosH2ioV OSC1
↑ (Q1 cycle) to Port Out Valid
—
50
150
ns
18
TosH2ioI
OSC1
↑ (Q2 cycle) to
Port Input Invalid
(I/O in hold time)
PIC18FXXXX
100
—
—
ns
18A
PIC18LFXXXX
200
—
—
ns
VDD = 2.0V
19
TioV2osH Port Input Valid to OSC1
↑ (I/O in setup time)
0
—
—
ns
20
TioR
Port Output Rise Time
PIC18FXXXX
—
10
25
ns
20A
PIC18LFXXXX
—
—
60
ns
VDD = 2.0V
21
TioF
Port Output Fall Time
PIC18FXXXX
—
10
25
ns
21A
PIC18LFXXXX
—
—
60
ns
VDD = 2.0V
22†
TINP
INTx pin High or Low Time
TCY
——
ns
23†
TRBP
RB7:RB4 Change INTx High or Low Time
TCY
——
ns
† These parameters are asynchronous events not related to any internal clock edges.
Note 1:
Measurements are taken in RC mode, where CLKO output is 4 x TOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com