Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 359 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 359 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 355Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 356Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 357Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 358Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 359Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 360Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 361Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 362Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 363Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 357
PIC18F2525/2620/4525/4620
TABLE 26-21: MASTER SSP I2C™ BUS DATA REQUIREMENTS
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
100
THIGH
Clock High Time 100 kHz mode
2(TOSC)(BRG + 1)
—
ms
400 kHz mode
2(TOSC)(BRG + 1)
—
ms
1 MHz mode(1)
2(TOSC)(BRG + 1)
—
ms
101
TLOW
Clock Low Time
100 kHz mode
2(TOSC)(BRG + 1)
—
ms
400 kHz mode
2(TOSC)(BRG + 1)
—
ms
1 MHz mode(1)
2(TOSC)(BRG + 1)
—
ms
102
TR
SDA and SCL
Rise Time
100 kHz mode
—
1000
ns
CB is specified to be from
10 to 400 pF
400 kHz mode
20 + 0.1 CB
300
ns
1 MHz mode(1)
—
300
ns
103
TF
SDA and SCL
Fall Time
100 kHz mode
—
300
ns
CB is specified to be from
10 to 400 pF
400 kHz mode
20 + 0.1 CB
300
ns
1 MHz mode(1)
—
100
ns
90
TSU:STA
Start Condition
Setup Time
100 kHz mode
2(TOSC)(BRG + 1)
—
ms
Only relevant for
Repeated Start
condition
400 kHz mode
2(TOSC)(BRG + 1)
—
ms
1 MHz mode(1)
2(TOSC)(BRG + 1)
—
ms
91
THD:STA Start Condition
Hold Time
100 kHz mode
2(TOSC)(BRG + 1)
—
ms
After this period, the first
clock pulse is generated
400 kHz mode
2(TOSC)(BRG + 1)
—
ms
1 MHz mode(1)
2(TOSC)(BRG + 1)
—
ms
106
THD:DAT Data Input
Hold Time
100 kHz mode
0
—
ns
400 kHz mode
0
0.9
ms
107
TSU:DAT
Data Input
Setup Time
100 kHz mode
250
—
ns
(Note 2)
400 kHz mode
100
—
ns
92
TSU:STO
Stop Condition
Setup Time
100 kHz mode
2(TOSC)(BRG + 1)
—
ms
400 kHz mode
2(TOSC)(BRG + 1)
—
ms
1 MHz mode(1)
2(TOSC)(BRG + 1)
—
ms
109
TAA
Output Valid
from Clock
100 kHz mode
—
3500
ns
400 kHz mode
—
1000
ns
1 MHz mode(1)
——
ns
110
TBUF
Bus Free Time
100 kHz mode
4.7
—
ms
Time the bus must be free
before a new transmission
can start
400 kHz mode
1.3
—
ms
D102
CB
Bus Capacitive Loading
—
400
pF
Note 1:
Maximum pin capacitance = 10 pF for all I2C pins.
2:
A Fast mode I2C bus device can be used in a Standard mode I2C bus system, but parameter 107
≥ 250 ns
must then be met. This will automatically be the case if the device does not stretch the LOW period of the
SCL signal. If such a device does stretch the LOW period of the SCL signal, it must output the next data bit
to the SDA line, parameter 102 + parameter 107 = 1000 + 250 = 1250 ns (for 100 kHz mode), before the
SCL line is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com