Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 396 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 396 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 392Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 393Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 394Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 395Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 396Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 397Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 398Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 399Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 400Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 394
© 2008 Microchip Technology Inc.
APPENDIX B:
DEVICE
DIFFERENCES
The differences between the devices listed in this data
sheet are shown in Table B-1.
TABLE B-1:
DEVICE DIFFERENCES
Features
PIC18F2525
PIC18F2620
PIC18F4525
PIC18F4620
Program Memory (Bytes)
49152
65536
49152
65536
Program Memory (Instructions)
24576
32768
24576
32768
Interrupt Sources
19
19
20
20
I/O Ports
Ports A, B, C, (E)
Ports A, B, C, (E)
Ports A, B, C, D, E
Ports A, B, C, D, E
Capture/Compare/PWM Modules
2
2
1
1
Enhanced Capture/Compare/
PWM Modules
00
1
1
Parallel Communications (PSP)
No
No
Yes
Yes
10-Bit Analog-to-Digital Module
10 Input Channels
10 Input Channels
13 Input Channels
13 Input Channels
Packages
28-Pin SPDIP
28-Pin SOIC
28-Pin SPDIP
28-Pin SOIC
40-Pin PDIP
44-Pin TQFP
44-Pin QFN
40-Pin PDIP
44-Pin TQFP
44-Pin QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com