Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 141 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 141 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 137Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 138Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 139Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 140Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 141Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 142Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 143Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 144Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 139
PIC18F2525/2620/4525/4620
15.0
CAPTURE/COMPARE/PWM
(CCP) MODULES
PIC18F2525/2620/4525/4620 devices all have two
CCP (Capture/Compare/PWM) modules. Each module
contains a 16-bit register which can operate as a 16-bit
Capture register, a 16-bit Compare register or a PWM
Master/Slave Duty Cycle register.
In 28-pin devices, the two standard CCP modules
(CCP1 and CCP2) operate as described in this
chapter. In 40/44-pin devices, CCP1 is implemented
as an Enhanced CCP module with standard Capture
and Compare modes and Enhanced PWM modes.
The
ECCP
implementation
is
discussed
in
Section 16.0 “Enhanced Capture/Compare/PWM
(ECCP) Module”.
The Capture and Compare operations described in this
chapter apply to all standard and Enhanced CCP
modules.
Note: Throughout this section and Section 16.0
“Enhanced Capture/Compare/PWM (ECCP)
Module”, references to the register and bit
names for CCP modules are referred to
generically by the use of ‘x’ or ‘y’ in place
of the
specific
module
number.
Thus,
“CCPxCON” might refer to the control regis-
ter for CCP1, CCP2 or ECCP1. “CCPxCON”
is used throughout these sections to refer to
the module control register, regardless of
whether the CCP module is a standard or
enhanced implementation.
REGISTER 15-1:
CCPxCON: CCPx CONTROL REGISTER (28-PIN DEVICES)
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
DCxB1
DCxB0
CCPxM3
CCPxM2
CCPxM1
CCPxM0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
DCxB1:DCxB0: PWM Duty Cycle bit 1 and bit 0 for CCPx Module
Capture mode:
Unused.
Compare mode:
Unused.
PWM mode:
These bits are the two LSbs (bit 1 and bit 0) of the 10-bit PWM duty cycle. The eight MSbs (DCx9:DCx2)
of the duty cycle are found in CCPRxL.
bit 3-0
CCPxM3:CCPxM0: CCPx Module Mode Select bits
0000
= Capture/Compare/PWM disabled (resets CCPx module)
0001
= Reserved
0010
= Compare mode, toggle output on match (CCPxIF bit is set)
0011
= Reserved
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode, initialize CCPx pin low; on compare match, force CCPx pin high (CCPxIF bit is set)
1001
= Compare mode, initialize CCPx pin high; on compare match, force CCPx pin low (CCPxIF bit is set)
1010
= Compare mode, generate software interrupt on compare match (CCPxIF bit is set, CCPx pin
reflects I/O state)
1011
= Compare mode, trigger special event; reset timer; CCPx match starts A/D conversion (CCPxIF
bit is set)
11xx
=PWM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com