Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 174 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 174 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 170Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 171Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 172Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 173Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 174Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 175Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 176Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 177Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 172
© 2008 Microchip Technology Inc.
REGISTER 17-4:
SSPCON1: MSSP CONTROL REGISTER 1 (I2C™ MODE)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
WCOL
SSPOV
SSPEN(1)
CKP
SSPM3
SSPM2
SSPM1
SSPM0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
WCOL: Write Collision Detect bit
In Master Transmit mode:
1
= A write to the SSPBUF register was attempted while the I2C conditions were not valid for a
transmission to be started (must be cleared in software)
0
= No collision
In Slave Transmit mode:
1
= The SSPBUF register is written while it is still transmitting the previous word (must be cleared in
software)
0
= No collision
In Receive mode (Master or Slave modes):
This is a “don’t care” bit.
bit 6
SSPOV: Receive Overflow Indicator bit
In Receive mode:
1
= A byte is received while the SSPBUF register is still holding the previous byte (must be cleared in
software)
0
= No overflow
In Transmit mode:
This is a “don’t care” bit in Transmit mode.
bit 5
SSPEN: Master Synchronous Serial Port Enable bit(1)
1
= Enables the serial port and configures the SDA and SCL pins as the serial port pins
0
= Disables serial port and configures these pins as I/O port pins
bit 4
CKP: SCK Release Control bit
In Slave mode:
1
= Releases clock
0
= Holds clock low (clock stretch), used to ensure data setup time
In Master mode:
Unused in this mode.
bit 3-0
SSPM3:SSPM0: Master Synchronous Serial Port Mode Select bits(2)
1111
= I2C Slave mode, 10-bit address with Start and Stop bit interrupts enabled
1110
= I2C Slave mode, 7-bit address with Start and Stop bit interrupts enabled
1011
= I2C Firmware Controlled Master mode (Slave Idle)
1000
= I2C Master mode, clock = FOSC/(4 * (SSPADD + 1))
0111
= I2C Slave mode, 10-bit address
0110
= I2C Slave mode, 7-bit address
Bit combinations not specifically listed here are either reserved or implemented in SPI mode only.
Note 1:
When enabled, the SDA and SCL pins must be properly configured as inputs or outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com