Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1231/S Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1231/S
Description  Power Monitor Chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1231/S Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1231/S Datasheet HTML 1Page - Maxim Integrated Products DS1231/S Datasheet HTML 2Page - Maxim Integrated Products DS1231/S Datasheet HTML 3Page - Maxim Integrated Products DS1231/S Datasheet HTML 4Page - Maxim Integrated Products DS1231/S Datasheet HTML 5Page - Maxim Integrated Products DS1231/S Datasheet HTML 6Page - Maxim Integrated Products DS1231/S Datasheet HTML 7Page - Maxim Integrated Products DS1231/S Datasheet HTML 8Page - Maxim Integrated Products DS1231/S Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DS1231/S
022698 2/9
OPERATION
The DS1231 Power Monitor detects out-of-tolerance
power supply conditions and warns a processor-based
system of impending power failure. The main elements
of the DS1231 are illustrated in Figure 1. As shown, the
DS1231 actually has two comparators, one for monitor-
ing the input (Pin 1) and one for monitoring VCC (Pin 8).
The VCC comparator outputs the signals RST (Pin 5)
and RST (Pin 6) when VCC falls below a preset trip level
as defined by TOL (Pin 3).
When TOL is connected to ground, the RST and RST
signals will become active as VCC goes below 4.75
volts. When TOL is connected to VCC, the RST and RST
signals become active as VCC goes below 4.5 volts. The
RST and RST signals are excellent control signals for a
microprocessor, as processing is stopped at the last
possible moments of valid VCC. On power-up, RST and
RST are kept active for a minimum of 150 ms to allow the
power supply to stabilize (see Figure 2).
The comparator monitoring the input pin produces the
NMI signal (Pin 7) when the input threshold voltage
(VTP) falls to a level as determined by Mode (Pin 2).
When the Mode pin is connected to VCC, detection oc-
curs at VTP-. In this mode Pin 1 is an extremely high im-
pedance input allowing for a simple resistor voltage di-
vider network to interface with high voltage signals.
When the Mode pin is connected to ground, detection
occurs at VTP+. In this mode Pin 1 sources 30 µA of cur-
rent allowing for connection to switched inputs, such as
a UL-approved opto-isolator. The flexibility of the input
pin allows for detection of power loss at the earliest point
in a power supply system, maximizing the amount of
time allotted between NMI and RST. On power-up, NMI
is released as soon as the input threshold voltage (VTP)
is achieved and VCC is within nominal limits. In both
modes of operation the input pin has hysteresis for
noise immunity (Figure 3).
APPLICATION – MODE PIN
CONNECTED TO VCC
When the Mode pin is connected to VCC, pin 1 is a high
impedance input. The voltage sense point and the level
of voltage at the sense point are dependent upon the
application (Figure 4). The sense point may be devel-
oped from the AC power line by rectifying and filtering
the AC. Alternatively, a DC voltage level may be se-
lected which is closer to the AC power input than the
regulated +5-volt supply, so that ample time is provided
for warning before regulation is lost.
Proper operation of the DS1231 requires a maximum
voltage of 5 volts at the input (Pin 1), which must be
derived from the maximum voltage at the sense point.
This is accomplished with a simple voltage divider net-
work of R1 and R2. Since the IN trip point VTP- is 2.3
volts (using the -20 device), and the maximum allowable
voltage on pin 1 is 5 volts, the dynamic range of voltage
at the sense point is set by the ratio of 2.3/5.0=.46 min.
This ratio determines the maximum deviation between
the maximum voltage at the sense point and the actual
voltage which will generate NMI.
Having established the desired ratio, and confirming
that the ratio is greater than .46 and less than 1, the
proper values for R1 and R2 can be determined by the
equation as shown in Figure 4. A simple approach to
solving this equation is to select a value for R2 which is
high enough impedance to keep power consumption
low, and solve for R1. Figure 5 illustrates how the
DS1231 can be interfaced to the AC power line when
the mode pin is connected to VCC.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com