Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1231/S Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1231/S
Description  Power Monitor Chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1231/S Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1231/S Datasheet HTML 1Page - Maxim Integrated Products DS1231/S Datasheet HTML 2Page - Maxim Integrated Products DS1231/S Datasheet HTML 3Page - Maxim Integrated Products DS1231/S Datasheet HTML 4Page - Maxim Integrated Products DS1231/S Datasheet HTML 5Page - Maxim Integrated Products DS1231/S Datasheet HTML 6Page - Maxim Integrated Products DS1231/S Datasheet HTML 7Page - Maxim Integrated Products DS1231/S Datasheet HTML 8Page - Maxim Integrated Products DS1231/S Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DS1231/S
022698 4/9
INPUT PIN HYSTERESIS Figure 3
NMI
VOH
VTP+
VIN
VOL
MODE = GND, VCC = +5V
NMI
VOH
VIN
VOL
MODE = VCC, VCC = +5V
–20
2.3
2.5
–35
2.15
2.5
–50
2.0
2.5
VTP-
VTP+
NOTE: HYSTERESIS TOLERANCE IS +60 mV
VTP-
VTP+
VTP-
APPLICATION WITH MODE PIN CONNECTED TO VCC Figure 4
DS1231
VCC
NMI
RST
RST
IN
MODE
TOL
GND
+5V
+5V
R2
R1
VOLTAGE SENSE POINT
TO
mP
V SENSE
+
R1
) R2
R2
X2.3
VMAX
+
V SENSE
VTP
*
X5.0
THEN 8
+
R1
) 10K
10K
X2.3
R1 = 25K
EXAMPLE: V SENSE = 8 VOLTS AT TRIP POINT AND A
MAXIMUM VOLTAGE OF 17.5V WITH R2 = 10K
(-5% VCC THRESHOLD)
NOTE: RST requires a pull–up resister.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com