Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1231/S Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1231/S
Description  Power Monitor Chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1231/S Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1231/S Datasheet HTML 1Page - Maxim Integrated Products DS1231/S Datasheet HTML 2Page - Maxim Integrated Products DS1231/S Datasheet HTML 3Page - Maxim Integrated Products DS1231/S Datasheet HTML 4Page - Maxim Integrated Products DS1231/S Datasheet HTML 5Page - Maxim Integrated Products DS1231/S Datasheet HTML 6Page - Maxim Integrated Products DS1231/S Datasheet HTML 7Page - Maxim Integrated Products DS1231/S Datasheet HTML 8Page - Maxim Integrated Products DS1231/S Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DS1231/S
DS1231/S
Power Monitor Chip
022698 1/9
FEATURES
Warns processor of an impending power failure
Provides time for an orderly shutdown
Prevents processor from destroying nonvolatile
memory during power transients
Automatically restarts processor after power is
restored
Suitable for linear or switching power supplies
Adjusts to hold time of the power supply
Supplies necessary signals for processor interface
Accurate 5% or 10% V
CC monitoring
Replaces power-up reset circuitry
No external capacitors required
Optional 16-pin SOIC surface mount package
PIN ASSIGNMENT
MODE
NC
GND
RST
NC
VCC
NC
NMI
NC
RST
NC
NC
TOL
NC
IN
NC
DS1231S 16–Pin SOIC
(300 MIL)
See Mech. Drawings
Section
VCC
NMI
RST
RST
IN
MODE
TOL
GND
DS1231 8–Pin DIP
(300 MIL)
See Mech. Drawings
Section
1
2
3
4
5
6
7
8
1
11
12
13
14
2
3
4
5
6
7
8
9
10
15
16
PIN DESCRIPTION
IN
– Input
MODE
– Selects input pin characteristics
TOL
– Selects 5% or 10% VCC detect
GND
– Ground
RST
– Reset (Active High)
RST
– Reset (Active Low, open drain)
NMI
– Non–Maskable Interrupt
VCC
– +5V Supply
NC
– No Connections
DESCRIPTION
The DS1231 Power Monitor Chip uses a precise tem-
perature-compensated reference circuit which provides
an orderly shutdown and an automatic restart of a pro-
cessor-based system. A signal warning of an impending
power failure is generated well before regulated DC
voltages go out of specification by monitoring high volt-
age inputs to the power supply regulators. If line isola-
tion is required a UL-approved opto-isolator can be di-
rectly interfaced to the DS1231. The time for processor
shutdown is directly proportional to the available
hold-up time of the power supply. Just before the
hold-up time is exhausted, the Power Monitor uncondi-
tionally halts the processor to prevent spurious cycles
by enabling Reset as VCC falls below a selectable 5 or
10 percent threshold. When power returns, the proces-
sor is held inactive until well after power conditions have
stabilized, safeguarding any nonvolatile memory in the
system from inadvertent data changes.


Similar Part No. - DS1231/S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1231 DALLAS-DS1231 Datasheet
52Kb / 9P
Power Monitor Chip
logo
Maxim Integrated Produc...
DS1231 MAXIM-DS1231 Datasheet
70Kb / 9P
Power Monitor Chip
022698
logo
Dallas Semiconductor
DS1231S DALLAS-DS1231S Datasheet
52Kb / 9P
Power Monitor Chip
More results

Similar Description - DS1231/S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2436 DALLAS-DS2436 Datasheet
505Kb / 29P
Battery ID/Monitor Chip
DS1231 DALLAS-DS1231 Datasheet
52Kb / 9P
Power Monitor Chip
logo
fujitsu semiconductor
MB3771 FUJITSU-MB3771_06 Datasheet
235Kb / 21P
Power Supply Monitor
logo
Dallas Semiconductor
DS2436 DALLAS-DS2436_07 Datasheet
472Kb / 29P
Battery ID/Monitor Chip
logo
Pixart Imaging Inc.
PAH8011ES PIXART-PAH8011ES Datasheet
1Mb / 25P
Low Power Heart Rate Monitor Optical Chip
PAH8011ET PIXART-PAH8011ET Datasheet
1Mb / 23P
Low Power Optical Heart Rate Monitor Chip
logo
Maxim Integrated Produc...
DS1231 MAXIM-DS1231 Datasheet
70Kb / 9P
Power Monitor Chip
022698
DS2436 MAXIM-DS2436 Datasheet
478Kb / 29P
Battery ID/Monitor Chip
071607
logo
Weidmuller
1423550000 WEIDMULLER-1423550000 Datasheet
5Mb / 94P
POWER MONITOR
logo
Extech Instruments Corp...
PM120 EXTECH-PM120 Datasheet
232Kb / 1P
Power Monitor
Rev. 10/17/17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com