Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1231/S Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1231/S
Description  Power Monitor Chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1231/S Datasheet(HTML) 6 Page - Maxim Integrated Products

  DS1231/S Datasheet HTML 1Page - Maxim Integrated Products DS1231/S Datasheet HTML 2Page - Maxim Integrated Products DS1231/S Datasheet HTML 3Page - Maxim Integrated Products DS1231/S Datasheet HTML 4Page - Maxim Integrated Products DS1231/S Datasheet HTML 5Page - Maxim Integrated Products DS1231/S Datasheet HTML 6Page - Maxim Integrated Products DS1231/S Datasheet HTML 7Page - Maxim Integrated Products DS1231/S Datasheet HTML 8Page - Maxim Integrated Products DS1231/S Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DS1231/S
022698 6/9
APPLICATION WITH MODE PIN GROUNDED Figure 6
IN
MODE
TOL
GND
VCC
NMI
RST
RST
TO
µ P
DS1231
+5VDC
VOLTAGE SENSE POINT
EXAMPLE:
CTR = 0.2 IC = 30
µA IF = 150 µA
VOLTAGE SENSE POINT = 105 AND
VZ = 100 VOLTS
IC
R1
IF
-5% VCC THRESHOLD
VOLTAGE SENSE POINT (TRIP VALUE)
+ VZ ) IC
CTR
XR1
CTR
+ IC
IF
CTR
+ CURRENT TRANSFER RATIO
VZ
+ ZENNER VOLTAGE
THEN 105
+ 100 ) 30
0.2
xR1
R1
+ 33K
NOTE: RST requires a pull–up resister.
AC VOLTAGE MONITOR WITH OPTO-ISOLATION Figure 7
IN
MODE
TOL
GND
VCC
NMI
RST
RST
-5% VCC THRESHOLD
TO
µ P
DS1231
+5VDC
AC LINE
INPUT
NOTE: RST requires a pull–up resister.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com